Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 16Page - Texas Instruments TLC27M4CPWR Datasheet HTML 17Page - Texas Instruments TLC27M4CPWR Datasheet HTML 18Page - Texas Instruments TLC27M4CPWR Datasheet HTML 19Page - Texas Instruments TLC27M4CPWR Datasheet HTML 20Page - Texas Instruments TLC27M4CPWR Datasheet HTML 21Page - Texas Instruments TLC27M4CPWR Datasheet HTML 22Page - Texas Instruments TLC27M4CPWR Datasheet HTML 23Page - Texas Instruments TLC27M4CPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
6, 7
αVIO
Temperature coefficient of input offset voltage
Distribution
8, 9
vs High-level output current
10, 11
VOH
High-level output voltage
vs Supply voltage
12
vs Free-air temperature
13
vs Common-mode input voltage
14, 15
vs Differential input voltage
16
VOL
Low-level output voltage
vs Free-air temperature
17
vs Low-level output current
18, 19
vs Supply voltage
20
AVD
Differential voltage amplification
vs Free-air temperature Free
21
vs Frequency
32, 33
IIB
Input bias current
vs Free-air temperature
22
IIO
Input offset current
vs Free-air temperature
22
VIC
Common-mode input voltage
vs Supply voltage
23
vs Supply voltage
24
IDD
Supply current
vs Free-air temperature
25
vs Supply voltage
26
SR
Slew rate
vs Free-air temperature
27
Normalized slew rate
vs Free-air temperature
28
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
29
vs Free-air temperature Free
30
B1
Unity gain bandwidth
vs Supply voltage
31
Phase shift
vs Frequency
32, 33
vs Supply voltage
34
φm
Phase margin
vs Free-air temperature Free
35
vs Load capacitance
36
Vn
Equivalent input noise voltage
vs Frequency
37
20
Submit Documentation Feedback
Copyright © 1987–2012, Texas Instruments Incorporated
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com