Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 21Page - Texas Instruments TLC27M4CPWR Datasheet HTML 22Page - Texas Instruments TLC27M4CPWR Datasheet HTML 23Page - Texas Instruments TLC27M4CPWR Datasheet HTML 24Page - Texas Instruments TLC27M4CPWR Datasheet HTML 25Page - Texas Instruments TLC27M4CPWR Datasheet HTML 26Page - Texas Instruments TLC27M4CPWR Datasheet HTML 27Page - Texas Instruments TLC27M4CPWR Datasheet HTML 28Page - Texas Instruments TLC27M4CPWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
VDD – Supply Voltage – V
VO = VDD/2
No Load
TA = – 55°C
0 C
°
25°C
70°C
TA = 125°C
0
1600
16
0
2
4
6
8
10
12
14
200
400
600
800
1000
1200
1400
– 40°C
No Load
VO = VDD /2
VDD = 10 V
– 75
T –
A
Free-Air Temperature – C
°
1000
125
0
– 50
– 25
0
25
50
75
100
100
200
300
400
500
600
700
800
900
VDD = 5 V
0.1
125
10000
45
65
85
105
1
10
100
1000
25
T –
A
Free-Air Temperature – C
°
VDD = 10 V
VIC = 5 V
See Note A
IIB
IIO
NOTE A: The typical values of input bias current and input offset
current below 5 pA were determined mathematically.
0
VDD – Supply Voltage – V
16
16
0
2
4
6
8
10
12
14
2
4
6
8
10
12
14
TA = 25°C
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS (1)
COMMON-MODE
INPUT BIAS CURRENT AND INPUT OFFSET CURRENT
INPUT VOLTAGE POSITIVE LIMIT
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 22.
Figure 23.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 24.
Figure 25.
(1)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com