Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 23Page - NXP Semiconductors HCS08 Datasheet HTML 24Page - NXP Semiconductors HCS08 Datasheet HTML 25Page - NXP Semiconductors HCS08 Datasheet HTML 26Page - NXP Semiconductors HCS08 Datasheet HTML 27Page - NXP Semiconductors HCS08 Datasheet HTML 28Page - NXP Semiconductors HCS08 Datasheet HTML 29Page - NXP Semiconductors HCS08 Datasheet HTML 30Page - NXP Semiconductors HCS08 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 374 page
background image
Chapter 2 Pins and Connections
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
27
Figure 2-2. MC9S08JM60 Series in 48-Pin QFN Package
PTF4/TPM2CH0
1
2
3
4
5
6
7
8
RESET
PTF0/TPM1CH2
PTB4/KBIP4/ADP4
PTB5/KBIP5/ADP5
PTD0/ADP8/ACMP+
PTD1/ADP9/ACMP–
PTB1/MOSI2/ADP1
PTD2/KBIP2/ACMPO
31
30
29
28
27
26
14
15
16
17
18
19
37
38
39
13
24
25
36
48
9
PTF5/TPM2CH1
10
PTF6
11
PTE0/TxD1
12
PTE3/TPM1CH1
20
21
22
23
PTB3/SS2/ADP3
PTB2/SPSCK2/ADP2
40
41
42
43
PTF1/TPM1CH3
PTE1/RxD1
PTE2/TPM1CH0
VDDAD/VREFH
32
33
34
VSSAD/VREFL
35
47
46
45
44
PTC4
IRQ/TPMCLK
PTB0/MISO2/ADP0
PTA5
48-Pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com