Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 3 Page - NXP Semiconductors

  HCS08 Datasheet HTML 1Page - NXP Semiconductors HCS08 Datasheet HTML 2Page - NXP Semiconductors HCS08 Datasheet HTML 3Page - NXP Semiconductors HCS08 Datasheet HTML 4Page - NXP Semiconductors HCS08 Datasheet HTML 5Page - NXP Semiconductors HCS08 Datasheet HTML 6Page - NXP Semiconductors HCS08 Datasheet HTML 7Page - NXP Semiconductors HCS08 Datasheet HTML 8Page - NXP Semiconductors HCS08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 374 page
background image
MC9S08JM60 Series Features
8-Bit HCS08 Central Processor Unit (CPU)
• 48-MHz HCS08 CPU (central processor unit)
• 24-MHz internal bus frequency
• HC08 instruction set with added BGND instruction
• Background debugging system
• Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (plus two more
breakpoints in on-chip debug module)
• In-circuit emulator (ICE) debug module containing
two comparators and nine trigger modes. Eight
deep FIFO for storing change-of-flow addresses
and event-only data. Debug module supports both
tag and force breakpoints.
• Support for up to 32 interrupt/reset sources
Memory Options
• Up to 60 KB of on-chip in-circuit programmable
flash memory with block protection and security
options
• Up to 4 KB of on-chip RAM
• 256 bytes of USB RAM
Clock Source Options
• Clock source options include crystal, resonator,
external clock
• MCG (multi-purpose clock generator) — PLL and
FLL; internal reference clock with trim adjustment
System Protection
• Optional computer operating properly (COP) reset
with option to run from independent 1-kHz internal
clock source or the bus clock
• Low-voltage detection with reset or interrupt
• Illegal opcode detection with reset
• Illegal address detection with reset
Power-Saving Modes
• Wait plus two stops
Peripherals
•
USB — USB 2.0 full-speed (12 Mbps) device
controller with dedicated on-chip USB transceiver,
3.3-V regulator and USBDP pull-up resister;
supports control, interrupt, isochronous, and bulk
transfers; supports endpoint 0 and up to 6
additional endpoints; endpoints 5 and 6 can be
combined to provide double buffering capability
•
ADC — 12-channel, 12-bit analog-to-digital
converter with automatic compare function;
internal temperature sensor
•
ACMP — Analog comparator with option to
compare to internal reference; operation in stop3
mode
•
SCI — Two serial communications interface
modules with optional 13-bit break LIN extensions
•
SPI — Two 8- or 16-bit selectable serial peripheral
interface modules with a receive data buffer
hardware match function
•
IIC — Inter-integrated circuit bus module to
operate at up to 100 kbps with maximum bus
loading; multi-master operation; programmable
slave address; interrupt-driven byte-by-byte data
transfer; 10-bit addressing and broadcast modes
support
•
Timers — One 2-channel and one 6-channel
16-bit timer/pulse-width modulator (TPM)
modules: Selectable input capture, output
compare, and edge-aligned PWM capability on
each channel. Each timer module may be
configured for buffered, centered PWM (CPWM)
on all channels
•
KBI — 8-pin keyboard interrupt module
•
RTC — Real-time counter with binary- or
decimal-based prescaler
Input/Output
• Up to 51 general-purpose input/output pins
• Software selectable pullups on ports when used
as inputs
• Software selectable slew rate control on ports
when used as outputs
• Software selectable drive strength on ports when
used as outputs
• Master reset pin and power-on reset (POR)
• Internal pullup on RESET, IRQ, and BKGD/MS
pins to reduce customer system cost
Package Options
• 64-pin quad flat package (QFP)
• 64-pin low-profile quad flat package (LQFP)
• 48-pin quad flat no-lead (QFN)
• 44-pin low-profile quad flat package (LQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com