Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 43Page - NXP Semiconductors HCS08 Datasheet HTML 44Page - NXP Semiconductors HCS08 Datasheet HTML 45Page - NXP Semiconductors HCS08 Datasheet HTML 46Page - NXP Semiconductors HCS08 Datasheet HTML 47Page - NXP Semiconductors HCS08 Datasheet HTML 48Page - NXP Semiconductors HCS08 Datasheet HTML 49Page - NXP Semiconductors HCS08 Datasheet HTML 50Page - NXP Semiconductors HCS08 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 374 page
background image
Chapter 4 Memory
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
47
0x00
54
SPI1DH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
55
SPI1DL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
56
SPI1MH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
57
SPI1ML
Bit 7
6
5
4
3
2
1
Bit 0
0x00
58
IICA
AD7
AD6
AD5
AD4
AD3
AD2
AD1
0
0x00
59
IICF
MULT
ICR
0x00
5A IICC1
IICEN
IICIE
MST
TX
TXAK
RSTA
0
0
0x00
5B IICS
TCF
IAAS
BUSY
ARBL
0
SRW
IICIF
RXAK
0x00
5C IICD
DATA
0x00
5D IICC2
GCAEN
ADEXT
0
0
0
AD10
AD9
AD8
0x00
5E–
0x00
5F
Reserved
—
—
—
—
—
—
—
—
0x00
60
TPM2SC
TOF
TOIE
CPWMS
CLKSB
CLKSA
PS2
PS1
PS0
0x00
61
TPM2CNTH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
62
TPM2CNTL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
63
TPM2MODH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
64
TPM2MODL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
65
TPM2C0SC
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
0
0
0x00
66
TPM2C0VH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
67
TPM2C0VL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
68
TPM2C1SC
CH1F
CH1IE
MS1B
MS1A
ELS1B
ELS1A
0
0
0x00
69
TPM2C1VH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
6A TPM2C1VL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
6B Reserved
—
—
—
—
—
—
—
—
0x00
6C RTCSC
RTIF
RTCLKS
RTIE
RTCPS
0x00
6D RTCCNT
RTCCNT
0x00
6E RTCMOD
RTCMOD
0x00
6F Reserved
—
—
—
—
—
—
—
—
0x00
70
SPI2C1
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
0x00
71
SPI2C2
SPMIE
SPIMODE
0
MODFEN
BIDIROE
0
SPISWAI
SPC0
0x00
72
SPI2BR
0
SPPR2
SPPR1
SPPR0
0
SPR2
SPR1
SPR0
0x00
73
SPI2S
SPRF
SPMF
SPTEF
MODF
0
0
0
0
0x00
74
SPI2DH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
75
SPI2DL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
76
SPI2MH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
77
SPI2ML
Bit 7
6
5
4
3
2
1
Bit 0
0x00
78–
0x00
7F
Reserved
—
—
—
—
—
—
—
—
0x00
80
USBCTL0
USBRESET
USBPU
USBRESMEN
LPRESF
—
USBVREN
—
USBPHYEN
0x00
81–
0x00
87
Reserved
—
—
—
—
—
—
—
—
0x00
88
PERID
0
0
ID5
ID4
ID3
ID2
ID1
ID0
Table 4-2. Direct-Page Register Summary (Sheet 3 of 4)
Address
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com