Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 25Page - NXP Semiconductors HCS08 Datasheet HTML 26Page - NXP Semiconductors HCS08 Datasheet HTML 27Page - NXP Semiconductors HCS08 Datasheet HTML 28Page - NXP Semiconductors HCS08 Datasheet HTML 29Page - NXP Semiconductors HCS08 Datasheet HTML 30Page - NXP Semiconductors HCS08 Datasheet HTML 31Page - NXP Semiconductors HCS08 Datasheet HTML 32Page - NXP Semiconductors HCS08 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 374 page
background image
Chapter 2 Pins and Connections
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
29
Figure 2-4. Basic System Connections
MC9S08JM60
VDD
VSS
RESET
OPTIONAL
MANUAL
RESET
PORT
A
VDD
1
BACKGROUND HEADER
CBY
0.1 μF
CBLK
10 μF
+
5 V
+
SYSTEM
POWER
I/O AND
PERIPHERAL
INTERFACE TO
SYSTEM
APPLICATION
PTA0–PTA5
VDD
PORT
B
PTB0/MISO2/ADP0
PTB1/MOSI2/ADP1
PTB2/SPSCK2/ADP2
PTB3/SS2/ADP3
PTB4/KBIP4/ADP4
PTB5/KBIP5/ADP5
PTB6/ADP6
PTB7/ADP7
PORT
C
PTC0/SCL
PTC1/SDA
PTC2
PTC3/TxD2
PTC4
PTC5/RxD2
PTC6
PORT
D
PTD0/ADP8/ACMP+
PTD1/ADP9/ACMP–
PTD4/ADP11
PTD5
PTD6
PTD7
PTE0/TxD1
PTE1/RxD1
PTE2/TPM1CH0
PTE3/TPM1CH1
PTE4/MISO1
PTE5/MOSI1
PTE6/SPSCK1
PTE7/SS1
PTG0/KBIP0
PTG1/KBIP1
PTG2/KBIP6
PTG3/KBIP7
PTF0/TPM1CH2
PTF1/TPM1CH3
PTF2/TPM1CH4
PTF3/TPM1CH5
PTF4/TPM2CH0
PTF5/TPM2CH1
PTF6
PTF7
IRQ
ASYNCHRONOUS
INTERRUPT
INPUT
NOTES:
1. External crystal circuity is not required if using the MCG internal clock option. For USB operation, an external crystal is required.
2. XTAL and EXTAL are the same pins as PTG4 and PTG5, respectively.
3. RC filters on RESET and IRQ are recommended for EMC-sensitive applications.
4. RPUDP is shown for full-speed USB only. The diagram shows a configuration where the on-chip regulator and RPUDP are enabled.
The voltage regulator output is used for RPUDP. RPUDP can optionally be disabled if using an external pullup resistor on USBDP
5. VBUS is a 5.0-V supply from upstream port that can be used for USB operation
6. USBDP and USBDN are powered by the 3.3-V regulator or external 3.3-V supply on VUSB33.
VDDAD
VSSAD
CBYAD
0.1 μF
VREFL
VREFH
PTG4/XTAL
PTG5/EXTAL
VDD
4.7 kΩ–
0.1 μF
VDD
4.7 kΩ–10 kΩ
0.1 μF
10 kΩ
2
4
3
USBDN
VUSB33
USBDP
VBus
PORT
E
PORT
F
PORT
G
USB SERIES-B CONNECTOR
VUSB33
3.3-V Reference
RPUDP
PTD2/KBIP2/ACMPO
PTD3/KBIP3/ADP10
BKGD/MS
XTAL
EXTAL
C2
C1
X1
RF
RS
NOTE 1
VSSOSC
0.47 μF
+
4.7 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com