Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 3Page - NXP Semiconductors HCS08 Datasheet HTML 4Page - NXP Semiconductors HCS08 Datasheet HTML 5Page - NXP Semiconductors HCS08 Datasheet HTML 6Page - NXP Semiconductors HCS08 Datasheet HTML 7Page - NXP Semiconductors HCS08 Datasheet HTML 8Page - NXP Semiconductors HCS08 Datasheet HTML 9Page - NXP Semiconductors HCS08 Datasheet HTML 10Page - NXP Semiconductors HCS08 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 374 page
background image
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
7
List of Chapters
Chapter Number
Title
Page
Chapter 1 Device Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Chapter 2 Pins and Connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Chapter 3 Modes of Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Chapter 4 Memory . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Chapter 5 Resets, Interrupts, and System Configuration . . . . . . . . . . . . . . . 65
Chapter 6 Parallel Input/Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Chapter 7 Central Processor Unit (S08CPUV2) . . . . . . . . . . . . . . . . . . . . . . . 99
Chapter 8 5 V Analog Comparator (S08ACMPV2) . . . . . . . . . . . . . . . . . . . . 119
Chapter 9 Keyboard Interrupt (S08KBIV2) . . . . . . . . . . . . . . . . . . . . . . . . . . 125
Chapter 10 Analog-to-Digital Converter (S08ADC12V1) . . . . . . . . . . . . . . . 133
Chapter 11 Inter-Integrated Circuit (S08IICV2) . . . . . . . . . . . . . . . . . . . . . . . 159
Chapter 12 Multi-Purpose Clock Generator (S08MCGV1) . . . . . . . . . . . . . . 179
Chapter 13 Real-Time Counter (S08RTCV1) . . . . . . . . . . . . . . . . . . . . . . . . . 211
Chapter 14 Serial Communications Interface (S08SCIV4). . . . . . . . . . . . . . 221
Chapter 15 16-Bit Serial Peripheral Interface (S08SPI16V1) . . . . . . . . . . . . 241
Chapter 16 Timer/Pulse-Width Modulator (S08TPMV3) . . . . . . . . . . . . . . . . 269
Chapter 17 Universal Serial Bus Device Controller (S08USBV1) . . . . . . . . 293
Chapter 18 Development Support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 325
Appendix A Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 347
Appendix B Ordering Information and Mechanical Drawings. . . . . . . . . . 371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com