Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 44Page - NXP Semiconductors HCS08 Datasheet HTML 45Page - NXP Semiconductors HCS08 Datasheet HTML 46Page - NXP Semiconductors HCS08 Datasheet HTML 47Page - NXP Semiconductors HCS08 Datasheet HTML 48Page - NXP Semiconductors HCS08 Datasheet HTML 49Page - NXP Semiconductors HCS08 Datasheet HTML 50Page - NXP Semiconductors HCS08 Datasheet HTML 51Page - NXP Semiconductors HCS08 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 374 page
background image
Chapter 4 Memory
MC9S08JM60 Series Data Sheet, Rev. 5
48
Freescale Semiconductor
High-page registers, shown in Table 4-3, are accessed much less often than other I/O and control registers
so they have been located outside the direct addressable memory space, starting at 0x1800.
0x00
89
IDCOMP
1
1
NID5
NID4
NID3
NID2
NID1
NID0
0x00
8A REV
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
0x00
8B–
0x00
8F
Reserved
—
—
—
—
—
—
—
—
0x00
90
INTSTAT
STALLF
—
RESUMEF
SLEEPF
TOKDNEF
SOFTOKF
ERRORF
USBRSTF
0x00
91
INTENB
STALL
—RESUME
SLEEP
TOKDNE
SOFTOK
ERROR
USBRST
0x00
92
ERRSTAT
BTSERRF
—
BUFERRF
BTOERRF
DFN8F
CRC16F
CRC5F
PIDERRF
0x00
93
ERRENB
BTSERR
—
BUFERR
BTOERR
DFN8
CRC16
CRC5
PIDERR
0x00
94
STAT
ENDP
IN
ODD
0
0
0x00
95
CTL
—
—
TSUSPEND
—
—
CRESUME
ODDRST
USBEN
0x00
96
ADDR
—
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
0x00
97
FRMNUML
FRM7
FRM6
FRM5
FRM4
FRM3
FRM2
FRM1
FRM0
0x00
98
FRMNUMH
0
0
0
0
0
FRM10
FRM9
FRM8
0x00
99–
0x00
9C
Reserved
—
—
—
—
—
—
—
—
0x00
9D EPCTL0
—
—
0
EPCTLDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0x00
9E EPCTL1
—
—
0
EPCTLDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0x00
9F EPCTL2
—
—
0
EPCTLDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0x00
A0 EPCTL3
—
—
0
EPCTLDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0x00
A1 EPCTL4
—
—
0
EPCTLDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0x00
A2 EPCTL5
—
—
0
EPCTLDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0x00
A3 EPCTL6
—
—
0
EPCTLDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0x00
A4–
0x00
AF
Reserved
—
—
—
—
—
—
—
—
Table 4-3. High-Page Register Summary (Sheet 1 of 3)
Address
Register Name
Bit 7
6
5
4
3
2
1
Bit 0
0x1800
SRS
POR
PIN
COP
ILOP
0LOC
LVD
—
0x1801
SBDFR
0
0
0
0
0
0
0BDFR
0x1802
SOPT1
COPT
STOPE
—
0
0
—
—
0x1803
SOPT2
COPCLKS
COPW
0
0
0
SPI1FE
SPI2FE
ACIC
0x1804–
0x1805
Reserved
—
—
—
—
—
—
—
—
0x1806
SDIDH
—
—
—
—
ID11
ID10
ID9
ID8
0x1807
SDIDL
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0x1808
Reserved
—
—
—
—
—
—
—
—
0x1809
SPMSC1
LVWF
LVWACK
LVWIE
LVDRE
LVDSE
LVDE
01
BGBE
0x180A
SPMSC2
—
—
LVDV
LVWV
PPDF
PPDACK
—
PPDC
0x180B–
0x180F
Reserved
—
—
—
—
—
—
—
—
Table 4-2. Direct-Page Register Summary (Sheet 4 of 4)
Address
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com