Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 29Page - NXP Semiconductors HCS08 Datasheet HTML 30Page - NXP Semiconductors HCS08 Datasheet HTML 31Page - NXP Semiconductors HCS08 Datasheet HTML 32Page - NXP Semiconductors HCS08 Datasheet HTML 33Page - NXP Semiconductors HCS08 Datasheet HTML 34Page - NXP Semiconductors HCS08 Datasheet HTML 35Page - NXP Semiconductors HCS08 Datasheet HTML 36Page - NXP Semiconductors HCS08 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 374 page
background image
Chapter 2 Pins and Connections
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
33
Pin Number
Lowest <--Priority--> Highest
64
48
44
Port Pin
Alt1
Alt2
111
PTC4
222
IRQ
TPMCLK
3
3
3
RESET
444
PTF0
TPM1CH2
555
PTF1
TPM1CH3
6
—
—
PTF2
TPM1CH4
7
—
—
PTF3
TPM1CH5
866
PTF4
TPM2CH0
9—
—
PTC6
10
—
—
PTF7
11
7
7
PTF5
TPM2CH1
12
8
—
PTF6
13
9
8
PTE0
TxD1
14
10
9
PTE1
RxD1
15
11
10
PTE2
TPM1CH0
16
12
11
PTE3
TPM1CH1
17
13
12
PTE4
MISO1
18
14
13
PTE5
MOSI1
19
15
14
PTE6
SPSCK1
20
16
15
PTE7
SS1
21
17
16
VDD
22
18
17
VSS
23
19
18
USBDN
24
20
19
USBDP
25
21
20
VUSB33
26
22
21
PTG0
KBIP0
27
23
22
PTG1
KBIP1
28
24
PTA0
29
PTA1
30
PTA2
31
PTA3
32
PTA4
33
25
PTA5
34
26
23
PTB0
MISO2
ADP0
35
27
24
PTB1
MOSI2
ADP1
36
28
25
PTB2
SPSCK2
ADP2
37
29
26
PTB3
SS2
ADP3
38
30
27
PTB4
KBIP4
ADP4
39
31
28
PTB5
KBIP5
ADP5
40
—
—
PTB6
ADP6
41
—
—
PTB7
ADP7
42
32
29
PTD0
ADP8
ACMP+
43
33
30
PTD1
ADP9
ACMP–
44
34
31
VDDAD
45
VREFH
46
35
32
VREFL
47
VSSAD
48
36
33
PTD2
KBIP2
ACMPO
49
—
—
PTD3
KBIP3
ADP10
50
—
—
PTD4
ADP11
51
—
—
PTD5
52
—
—
PTD6
53
37
—
PTD7
54
38
34
PTG2
KBIP6
55
39
35
PTG3
KBIP7
56
40
36
BKGD
MS
57
41
37
PTG4
XTAL
58
42
38
PTG5
EXTAL
59
43
39
VSSOSC
60
44
40
PTC0
SCL
61
45
41
PTC1
SDA
62
46
42
PTC2
63
47
43
PTC3
TxD2
64
48
44
PTC5
RxD2
Pin Number
Lowest <--Priority--> Highest
64
48
44
Port Pin
Alt1
Alt2
Table 2-1. Pin Availability by Package Pin-Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com