Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 91Page - NXP Semiconductors HCS08 Datasheet HTML 92Page - NXP Semiconductors HCS08 Datasheet HTML 93Page - NXP Semiconductors HCS08 Datasheet HTML 94Page - NXP Semiconductors HCS08 Datasheet HTML 95Page - NXP Semiconductors HCS08 Datasheet HTML 96Page - NXP Semiconductors HCS08 Datasheet HTML 97Page - NXP Semiconductors HCS08 Datasheet HTML 98Page - NXP Semiconductors HCS08 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 374 page
background image
Chapter 6 Parallel Input/Output
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
95
76
54
321
0
R
PTFPE7
PTFPE6
PTFPE5
PTFPE4
PTFPE3
PTFPE2
PTFPE1
PTFPE0
W
Reset
000
00
000
Figure 6-29. Internal Pullup Enable for Port F (PTFPE)
Table 6-28. PTFPE Register Field Descriptions
Field
Description
7:0
PTFPE[7:0]
Internal Pullup Enable for Port F Bits — Each of these control bits determines if the internal pullup device is
enabled for the associated PTF pin. For port F pins that are configured as outputs, these bits have no effect and
the internal pullup devices are disabled.
0 Internal pullup device disabled for port F bit n.
1 Internal pullup device enabled for port F bit n.
76
54
321
0
R
PTFSE7
PTFSE6
PTFSE5
PTFSE4
PTFSE3
PTFSE2
PTFSE1
PTFSE0
W
Reset
111
11
111
Figure 6-30. Output Slew Rate Control Enable for Port F (PTFSE)
Table 6-29. PTFSE Register Field Descriptions
Field
Description
7:0
PTFSE[7:0]
Output Slew Rate Control Enable for Port F Bits — Each of these control bits determine whether output slew
rate control is enabled for the associated PTF pin. For port F pins that are configured as inputs, these bits have
no effect.
0 Output slew rate control disabled for port F bit n.
1 Output slew rate control enabled for port F bit n.
76
54
321
0
R
PTFDS7
PTFDS6
PTFDS5
PTFDS4
PTFDS3
PTFDS2
PTFDS1
PTFDS0
W
Reset
000
00
000
Figure 6-31. Output Drive Strength Selection for Port F (PTFDS)
Table 6-30. PTFDS Register Field Descriptions
Field
Description
7:0
PTFDS[7:0]
Output Drive Strength Selection for Port F Bits — Each of these control bits selects between low and high
output drive for the associated PTF pin.
0 Low output drive enabled for port F bit n.
1 High output drive enabled for port F bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com