Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 31Page - NXP Semiconductors HCS08 Datasheet HTML 32Page - NXP Semiconductors HCS08 Datasheet HTML 33Page - NXP Semiconductors HCS08 Datasheet HTML 34Page - NXP Semiconductors HCS08 Datasheet HTML 35Page - NXP Semiconductors HCS08 Datasheet HTML 36Page - NXP Semiconductors HCS08 Datasheet HTML 37Page - NXP Semiconductors HCS08 Datasheet HTML 38Page - NXP Semiconductors HCS08 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 374 page
background image
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
35
Chapter 3
Modes of Operation
3.1
Introduction
The operating modes of the MC9S08JM60 series are described in this chapter. Entry into each mode, exit
from each mode, and functionality while in each mode are described.
3.2
Features
•
Active background mode for code development
•
Wait mode:
— CPU halts operation to conserve power
— System clocks running
— Full voltage regulation is maintained
•
Stop modes: CPU and bus clocks stopped
— Stop2: Partial power down of internal circuits; RAM and USB RAM contents retained
— Stop3: All internal circuits powered for fast recovery; RAM, USB RAM, and register contents
are retained
3.3
Run Mode
Run is the normal operating mode for the MC9S08JM60 series. This mode is selected upon the MCU
exiting reset if the BKGD/MS pin is high. In this mode, the CPU executes code from internal memory with
execution beginning at the address fetched from memory at 0xFFFE:0xFFFF after reset.
3.4
Active Background Mode
The active background mode functions are managed through the background debug controller (BDC) in
the HCS08 core. The BDC, together with the on-chip in-circuit emulator (ICE) debug module (DBG),
provides the means for analyzing MCU operation during software development.
Active background mode is entered in any of five ways:
•
When the BKGD/MS pin is low at the rising edge of reset
•
When a BACKGROUND command is received through the BKGD pin
•
When a BGND instruction is executed
•
When encountering a BDC breakpoint
•
When encountering a DBG breakpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com