Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 73Page - NXP Semiconductors HCS08 Datasheet HTML 74Page - NXP Semiconductors HCS08 Datasheet HTML 75Page - NXP Semiconductors HCS08 Datasheet HTML 76Page - NXP Semiconductors HCS08 Datasheet HTML 77Page - NXP Semiconductors HCS08 Datasheet HTML 78Page - NXP Semiconductors HCS08 Datasheet HTML 79Page - NXP Semiconductors HCS08 Datasheet HTML 80Page - NXP Semiconductors HCS08 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 374 page
background image
Chapter 5 Resets, Interrupts, and System Configuration
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
77
5.7.7
System Power Management Status and Control 1 Register
(SPMSC1)
This high page register contains status and control bits to support the low-voltage detect function, and to
enable the bandgap voltage reference for use by the ADC module. This register must be written during the
user’s reset initialization program to set the desired controls even if the desired settings are the same as the
reset settings.
Table 5-8. SDIDH Register Field Descriptions
Field
Description
7:4
Reserved
Bits 7:4 are reserved. Reading these bits will result in an indeterminate value; writes have no effect.
3:0
ID[11:8]
Part Identification Number — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08JM60 Series is hard coded to the value 0x016. See also ID bits in Table 5-9.
76
54
321
0
R
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
W
Reset
000
10
110
= Unimplemented or Reserved
Figure 5-8. System Device Identification Register — Low (SDIDL)
Table 5-9. SDIDL Register Field Descriptions
Field
Description
7:0
ID[7:0]
Part Identification Number — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08JM60 Series is hard coded to the value 0x016. See also ID bits in Table 5-8.
76
54
321
0
RLVWF1
0
LVWIE
LVDRE2
LVDSE
LVDE2
0
BGBE
W
LVWACK
Reset:
000
11
100
= Unimplemented or Reserved
1 LVWF will be set in the case when V
Supply transitions below the trip point or after reset and VSupply is already below VLVW.
2 This bit can be written only one time after reset. Additional writes are ignored.
Figure 5-9. System Power Management Status and Control 1 Register (SPMSC1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com