| Electronic Components Datasheet Search |
|
HCS08 Datasheet(PDF) 97 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Datasheet(HTML) 97 Page - NXP Semiconductors |
|
97 / 374 page ![]() Chapter 6 Parallel Input/Output MC9S08JM60 Series Data Sheet, Rev. 5 Freescale Semiconductor 97 76 54 321 0 R PTGPE5 PTGPE4 PTGPE3 PTGPE2 PTGPE1 PTGPE0 W Reset 000 00 000 Figure 6-34. Internal Pullup Enable for Port G Bits (PTGPE) Table 6-33. PTGPE Register Field Descriptions Field Description 5:0 PTGPEn Internal Pullup Enable for Port G Bits — Each of these control bits determines if the internal pullup device is enabled for the associated PTG pin. For port G pins that are configured as outputs, these bits have no effect and the internal pullup devices are disabled. 0 Internal pullup device disabled for port G bit n. 1 Internal pullup device enabled for port G bit n. 76 54 321 0 R PTGSE5 PTGSE4 PTGSE3 PTGSE2 PTGSE1 PTGSE0 W Reset 011 11 111 Figure 6-35. Output Slew Rate Control Enable for Port G Bits (PTGSE) Table 6-34. PTGSE Register Field Descriptions Field Description 5:0 PTGSEn Output Slew Rate Control Enable for Port G Bits— Each of these control bits determine whether output slew rate control is enabled for the associated PTG pin. For port G pins that are configured as inputs, these bits have no effect. 0 Output slew rate control disabled for port G bit n. 1 Output slew rate control enabled for port G bit n. 76 54 321 0 R PTGDS5 PTGDS4 PTGDS3 PTGDS2 PTGDS1 PTGDS0 W Reset 000 00 000 Figure 6-36. Output Drive Strength Selection for Port G (PTGDS) Table 6-35. PTGDS Register Field Descriptions Field Description 5:0 PTGDSn Output Drive Strength Selection for Port G Bits — Each of these control bits selects between low and high output drive for the associated PTG pin. 0 Low output drive enabled for port G bit n. 1 High output drive enabled for port G bit n. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |