Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 41Page - NXP Semiconductors HCS08 Datasheet HTML 42Page - NXP Semiconductors HCS08 Datasheet HTML 43Page - NXP Semiconductors HCS08 Datasheet HTML 44Page - NXP Semiconductors HCS08 Datasheet HTML 45Page - NXP Semiconductors HCS08 Datasheet HTML 46Page - NXP Semiconductors HCS08 Datasheet HTML 47Page - NXP Semiconductors HCS08 Datasheet HTML 48Page - NXP Semiconductors HCS08 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 374 page
background image
Chapter 4 Memory
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
45
Table 4-2. Direct-Page Register Summary (Sheet 1 of 4)
Address
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0
0x00
00
PTAD
—
—
PTAD5
PTAD4
PTAD3
PTAD2
PTAD1
PTAD0
0x00
01
PTADD
—
—
PTADD5
PTADD4
PTADD3
PTADD2
PTADD1
PTADD0
0x00
02
PTBD
PTBD7
PTBD6
PTBD5
PTBD4
PTBD3
PTBD2
PTBD1
PTBD0
0x00
03
PTBDD
PTBDD7
PTBDD6
PTBDD5
PTBDD4
PTBDD3
PTBDD2
PTBDD1
PTBDD0
0x00
04
PTCD
—
PTCD6
PTCD5
PTCD4
PTCD3
PTCD2
PTCD1
PTCD0
0x00
05
PTCDD
—
PTCDD6
PTCDD5
PTCDD4
PTCDD3
PTCDD2
PTCDD1
PTCDD0
0x00
06
PTDD
PTDD7
PTDD6
PTDD5
PTDD4
PTDD3
PTDD2
PTDD1
PTDD0
0x00
07
PTDDD
PTDDD7
PTDDD6
PTDDD5
PTDDD4
PTDDD3
PTDDD2
PTDDD1
PTDDD0
0x00
08
PTED
PTED7
PTED6
PTED5
PTED4
PTED3
PTED2
PTED1
PTED0
0x00
09
PTEDD
PTEDD7
PTEDD6
PTEDD5
PTEDD4
PTEDD3
PTEDD2
PTEDD1
PTEDD0
0x00
0A PTFD
PTFD7
PTFD6
PTFD5
PTFD4
PTFD3
PTFD2
PTFD1
PTFD0
0x00
0B PTFDD
PTFDD7
PTFDD6
PTFDD5
PTFDD4
PTFDD3
PTFDD2
PTFDD1
PTFDD0
0x00
0C PTGD
—
—
PTGD5
PTGD4
PTGD3
PTGD2
PTGD1
PTGD0
0x00
0D PTGDD
—
—
PTGDD5
PTGDD4
PTGDD3
PTGDD2
PTGDD1
PTGDD0
0x00
0E ACMPSC
ACME
ACBGS
ACF
ACIE
ACO
ACOPE
ACMOD
0x00
0F Reserved
—
—
—
—
—
—
—
—
0x00
10
ADCSC1
COCO
AIEN
ADCO
ADCH
0x00
11
ADCSC2
ADACT
ADTRG
ACFE
ACFGT
0
0
R
R
0x00
12
ADCRH
0
0
0
0
ADR11
ADR10
ADR9
ADR8
0x00
13
ADCRL
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
0x00
14
ADCCVH
0
0
0
0
ADCV11
ADCV10
ADCV9
ADCV8
0x00
15
ADCCVL
ADCV7
ADCV6
ADCV5
ADCV4
ADCV3
ADCV2
ADCV1
ADCV0
0x00
16
ADCCFG
ADLPC
ADIV
ADLSMP
MODE
ADICLK
0x00
17
APCTL1
ADPC7
ADPC6
ADPC5
ADPC4
ADPC3
ADPC2
ADPC1
ADPC0
0x00
18
APCTL2
—
—
—
—
ADPC11
ADPC10
ADPC9
ADPC8
0x00
19–
0x00
1A
Reserved
—
—
—
—
—
—
—
—
0x00
1B IRQSC
0
IRQPDD
IRQEDG
IRQPE
IRQF
IRQACK
IRQIE
IRQMOD
0x00
1C KBISC
0
0
0
0
KBF
KBACK
KBIE
KBMOD
0x00
1D KBIPE
KBIPE7
KBIPE6
KBIPE5
KBIPE4
KBIPE3
KBIPE2
KBIPE1
KBIPE0
0x00
1E KBIES
KBEDG7
KBEDG6
KBEDG5
KBEDG4
KBEDG3
KBEDG2
KBEDG1
KBEDG0
0x00
1F Reserved
—
—
—
—
—
—
—
—
0x00
20
TPM1SC
TOF
TOIE
CPWMS
CLKSB
CLKSA
PS2
PS1
PS0
0x00
21
TPM1CNTH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
22
TPM1CNTL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
23
TPM1MODH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
24
TPM1MODL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
25
TPM1C0SC
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
0
0
0x00
26
TPM1C0VH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
27
TPM1C0VL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
28
TPM1C1SC
CH1F
CH1IE
MS1B
MS1A
ELS1B
ELS1A
0
0
0x00
29
TPM1C1VH
Bit 15
14
13
12
11
10
9
Bit 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com