Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 42Page - NXP Semiconductors HCS08 Datasheet HTML 43Page - NXP Semiconductors HCS08 Datasheet HTML 44Page - NXP Semiconductors HCS08 Datasheet HTML 45Page - NXP Semiconductors HCS08 Datasheet HTML 46Page - NXP Semiconductors HCS08 Datasheet HTML 47Page - NXP Semiconductors HCS08 Datasheet HTML 48Page - NXP Semiconductors HCS08 Datasheet HTML 49Page - NXP Semiconductors HCS08 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 374 page
background image
Chapter 4 Memory
MC9S08JM60 Series Data Sheet, Rev. 5
46
Freescale Semiconductor
0x00
2A TPM1C1VL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
2B TPM1C2SC
CH2F
CH2IE
MS2B
MS2A
ELS2B
ELS2A
0
0
0x00
2C TPM1C2VH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
2D TPM1C2VL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
2E TPM1C3SC
CH3F
CH3IE
MS3B
MS3A
ELS3B
ELS3A
0
0
0x00
2F TPM1C3VH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
30
TPM1C3VL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
31
TPM1C4SC
CH4F
CH4IE
MS4B
MS4A
ELS4B
ELS4A
0
0
0x00
32
TPM1C4VH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
33
TPM1C4VL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
34
TPM1C5SC
CH5F
CH5IE
MS5B
MS5A
ELS5B
ELS5A
0
0
0x00
35
TPM1C5VH
Bit 15
14
13
12
11
10
9
Bit 8
0x00
36
TPM1C5VL
Bit 7
6
5
4
3
2
1
Bit 0
0x00
37
Reserved
—
—
—
—
—
—
—
—
0x00
38
SCI1BDH
LBKDIE
RXEDGIE
0
SBR12
SBR11
SBR10
SBR9
SBR8
0x00
39
SCI1BDL
SBR7
SBR6
SBR5
SBR4
SBR3
SBR2
SBR1
SBR0
0x00
3A SCI1C1
LOOPS
SCISWAI
RSRC
M
WAKE
ILT
PE
PT
0x00
3B SCI1C2
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
0x00
3C SCI1S1
TDRE
TC
RDRF
IDLE
OR
NF
FE
PF
0x00
3D SCI1S2
LBKDIF
RXEDGIF
0
RXINV
RWUID
BRK13
LBKDE
RAF
0x00
3E SCI1C3
R8
T8
TXDIR
TXINV
ORIE
NEIE
FEIE
PEIE
0x00
3F SCI1D
Bit 7
6
5
4
3
2
1
Bit 0
0x00
40
SCI2BDH
LBKDIE
RXEDGIE
0
SBR12
SBR11
SBR10
SBR9
SBR8
0x00
41
SCI2BDL
SBR7
SBR6
SBR5
SBR4
SBR3
SBR2
SBR1
SBR0
0x00
42
SCI2C1
LOOPS
SCISWAI
RSRC
M
WAKE
ILT
PE
PT
0x00
43
SCI2C2
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
0x00
44
SCI2S1
TDRE
TC
RDRF
IDLE
OR
NF
FE
PF
0x00
45
SCI2S2
LBKDIF
RXEDGIF
0
RXINV
RWUID
BRK13
LBKDE
RAF
0x00
46
SCI2C3
R8
T8
TXDIR
TXINV
ORIE
NEIE
FEIE
PEIE
0x00
47
SCI2D
Bit 7
6
5
4
3
2
1
Bit 0
0x00
48
MCGC1
CLKS
RDIV
IREFS
IRCLKEN
IREFSTEN
0x00
49
MCGC2
BDIV
RANGE
HGO
LP
EREFS
ERCLKEN EREFSTEN
0x00
4A MCGTRM
TRIM
0x00
4B MCGSC
LOLS
LOCK
PLLST
IREFST
CLKST
OSCINIT
FTRIM
0x00
4C MCGC3
LOLIE
PLLS
CME
0VDIV
0x00
4D MCGT
0
0
0
0
0
0
0
0
0x00
4E–
0x00
4F
Reserved
—
—
—
—
—
—
—
—
0x00
50
SPI1C1
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
0x00
51
SPI1C2
SPMIE
SPIMODE
0
MODFEN
BIDIROE
0
SPISWAI
SPC0
0x00
52
SPI1BR
0
SPPR2
SPPR1
SPPR0
0
SPR2
SPR1
SPR0
0x00
53
SPI1S
SPRF
SPMF
SPTEF
MODF
0
0
0
0
Table 4-2. Direct-Page Register Summary (Sheet 2 of 4)
Address
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com