Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 24Page - National Semiconductor (TI) DP8496 Datasheet HTML 25Page - National Semiconductor (TI) DP8496 Datasheet HTML 26Page - National Semiconductor (TI) DP8496 Datasheet HTML 27Page - National Semiconductor (TI) DP8496 Datasheet HTML 28Page - National Semiconductor (TI) DP8496 Datasheet HTML 29Page - National Semiconductor (TI) DP8496 Datasheet HTML 30Page - National Semiconductor (TI) DP8496 Datasheet HTML 31Page - National Semiconductor (TI) DP8496 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
40 Functional Description (Continued)
BMD Buffer Memory Data
1
Enables the Buffer Memory Data register Error interrupt
function Interrupt will occur when the processor has
read or written the Buffer Memory Data register too
quickly
0
Enables Buffer Memory Data Ready function (no inter-
rupt) The processor can poll the Disk Interrupt register
to see if enough time has passed to read or write to the
Buffer Memory Data register
HC Header Complete
1
Defines the HNC interrupt as ‘‘Header Complete’’
0
Defines the HNC interrupt as ‘‘Next Command’’
CCI Command Complete Interrupt
1
Enables all disk Command Complete Interrupts (CCI
field in the Disk Interrupt register)
0
Disables all disk Command Complete Interrupts
Sector Number (SN)
15h
RW
76543210
Pattern
The contents of this register will replace any header byte
where the SN (Sector Number Substitution) bit is set to ‘‘1’’
in the corresponding Header Byte Control register This reg-
ister will be incremented after each sector operation is com-
pleted during a multi-sector command This register should
be initialized with the desired starting sector number for a
multi-sector command
This allows sequential logical sectors to be accessed during
multi-sector commands without processor intervention
Header Byte CountInterlock (HBC) 16h
RW
76543210
x
x
x
x
x
Count
Count is the number of header bytes in the Header Seg-
ment The Count field must be loaded by the processor only
for a Format C or Format D command This count will allow
the Disk Data Controller to request the proper number of
header bytes from the buffer memory Allowable values for
count are 3 to 6 An even number of header bytes will al-
ways be transferred to and from buffer memory even though
only the specified count will be used in the header
This register is also used in interlock mode to signal com-
pletion to the Disk Data Controller if registers were updated
by the processor between sectors If the processor fails to
write to this register before the end of the sector when the
interlock mode is enabled a Late Interlock error will be gen-
erated and the disk operation will be aborted
Sector Count (SC)
17h
RW
76543210
Count
Sets the number of sectors to operate on in a multi-sector
operation
Sector Count is really two registers called Active and Hold-
ing The holding register is down-loaded by the Disk Data
Controller to the active register at the same time a new
command is down-loaded from the Disk Command register
(just before the new command begins)
The Sector Count register is also down-loaded following the
last sector operation which decrements the active Sector
Count to zero This down-load will only occur if a new value
has been written to the Sector Count register after a previ-
ous down-load and before the zero detection If this down-
load occurs the current disk command will continue with
this new Sector Count
The processor may access either active or holding register
through this address as controlled by the AH (Ac-
tiveHolding) bit in the SCSI Operation register Normally
the processor should only access the holding register
ECC Control (EC)
07h
RW
76543210
PRE
DE
HE
Span
PRE Preset Control
0
A zeros preset is used for all CRCECC calculations
1
A ones preset is used for all CRCECC calculations
This is the normal setting for most applications
DE Data Error Check Enable
This bit controls the verification of the CRCECC in the Data
Segment during a Read Ignore or Verify Data operation
1
Data field CRCECC is verified
0
Data field CRCECC is not verified
HE Header Error Check Enable
This bit controls the verification of the CRCECC in the
Header Segment during an Ignore Compare or Read Head-
er operation
1
Header field CRCECC is verified
0
Header field CRCECC is not verified
SPAN
Span bits 0 – 4 are set for the longest burst error that is to be
corrected Allowable values are 3 to 28 depending on poly-
nomial Values under 3 will default to 3 Refer to Table 418
in Section 434 for recommended values for SPAN This
value is only used during the Start Correction Cycle com-
mand
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com