Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 13Page - National Semiconductor (TI) DP8496 Datasheet HTML 14Page - National Semiconductor (TI) DP8496 Datasheet HTML 15Page - National Semiconductor (TI) DP8496 Datasheet HTML 16Page - National Semiconductor (TI) DP8496 Datasheet HTML 17Page - National Semiconductor (TI) DP8496 Datasheet HTML 18Page - National Semiconductor (TI) DP8496 Datasheet HTML 19Page - National Semiconductor (TI) DP8496 Datasheet HTML 20Page - National Semiconductor (TI) DP8496 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
40 Functional Description (Continued)
Ready Pin
The RDY pin may be connected to the processor’s memory
access control pin (or ‘‘wait state’’ pin) After WR or RD
goes low the processor will be ‘‘wait-stated’’ until the data
from buffer memory becomes available This is the easiest
method of access to buffer memory since the job of regulat-
ing the speed of the processor access is done entirely in
hardware by the DP84967 The only requirement is that the
processor used with the DP84967 have some type of asyn-
chronous access line
When the processor reads the Buffer Memory Data register
the RDY pin will become deasserted if the data is not yet
available It will become asserted when the data is valid For
a write operation the RDY pin will become deasserted if a
previous write has not yet been transferred to buffer memo-
ry
To enable this mode the BMD (Buffer Memory Data) bit in
the Disk Interrupt Enable register must be set to zero The
RDY pin will be always deasserted while in the ZilogMoto-
rola mode
If non-contiguous address locations are to be accessed the
processor must poll the ER (ErrorReady) bit in the Disk
Interrupt register for a ‘‘1’’ before the Processor Pointer reg-
isters may be modified
Software Polling
If no asynchronous access pin is available or you choose
not to use it software polling may be used With the BMD
(Buffer Memory Data) bit in the Disk Interrupt Enable regis-
ter set to ‘‘0’’ not only is the Ready pin enabled but the
RE (ReadyError) bit in the Disk Interrupt register will oper-
ate as ‘‘Buffer Memory Data Ready’’ and may be polled A
‘‘1’’ in the ER bit indicates that the Buffer Memory Data
register is ready for either reading or writing a ‘‘0’’ means
that it is not ready
A ‘‘1’’ in the ER bit also indicates that the Processor Point-
er registers may be modified by the Processor
Disk Interrupt
12h
RW
76543210
TI
ER
IS
GCI
SCI
HNC
CCI
Interrupt Error
By setting the BMD (Buffer Memory Data) bit in the Disk
Interrupt Enable register to a ‘‘1’’ the RDY pin is disabled
Also the ER bit in Disk Interrupt register will operate as a
true interrupt This ‘‘Error’’ interrupt indicates that the Buffer
Memory Data register has been accessed before the data is
valid The processor should simply wait a certain amount of
time between each access to the Buffer Memory register If
an interrupt occurs simply clear the interrupt wait an addi-
tional amount of time and try the access again
Interrupt after Indicates that the previous write has not yet
a write
been transferred to the buffer memory The
previous data is still retained and the DMA
process is unaffected by the new write The
data just written will be ignored
Interrupt after Indicates that the Buffer Memory Data regis-
a Read
ter has not yet been bloaded with the data
requested The data just read is invalid
TABLE 49 RDY Pin and Interrupt Summary
BMD Bit in Disk
Function of ER Bit in
Interrupt Enable
RDY Pin
Disk Interrupt Register
Register
1
Disabled
Buffer Memory Error
0
Enabled
Buffer Memory Ready
If non-contiguous address locations are to be accessed the
processor must verify that the Processor Pointer registers
can be modified To do this the BMD bit in the Disk Interrupt
Enable register must be set to ‘‘0’’ This enables the soft-
ware polling mode While in this mode the Processor must
poll the ER bit in the Disk Interrupt register When this bit is
‘‘1’’ the Processor Pointer registers may be modified The
Interrupt Error mode may then be re-enabled by setting the
BMD bit in the Disk Interrupt Enable register back to ‘‘1’’
429 Parity
Buffer memory parity is generated when writing to buffer
memory and verified while reading from buffer memory only
if enabled by the BPE (Buffer Parity Enable) bit in the Setup
2 register
In general parity (if enabled) is always checked at the point
where the data exits the chip Therefore parity errors gener-
ated within the DP84967 are checked as well as external
parity errors
When the processor accesses data from buffer memory
parity information cannot be determined through the Buffer
Memory Data register If the Setup 2 register is configured
to check buffer memory parity a parity error detected while
reading the Buffer Memory Data register will be reported in
the SCSI Operation register (43h) The SCSI Operation reg-
ister may be polled after a block of data has been read from
the Buffer Memory Data register Once a parity error is de-
tected it is cleared only by reading the SCSI Operation reg-
ister
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com