Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 33Page - National Semiconductor (TI) DP8496 Datasheet HTML 34Page - National Semiconductor (TI) DP8496 Datasheet HTML 35Page - National Semiconductor (TI) DP8496 Datasheet HTML 36Page - National Semiconductor (TI) DP8496 Datasheet HTML 37Page - National Semiconductor (TI) DP8496 Datasheet HTML 38Page - National Semiconductor (TI) DP8496 Datasheet HTML 39Page - National Semiconductor (TI) DP8496 Datasheet HTML 40Page - National Semiconductor (TI) DP8496 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
40 Functional Description (Continued)
TLF11212 – 15
FIGURE 48 RGATE Operation during Search for Synch
RGATE Timing for Soft Sectors
Ideally RGATE should transition from deasserted to assert-
ed only while the drive’s head is positioned over a preamble
field Proper programming of the gap lengths in the Format
registers strive for this condition
However for soft sectored drives it is impossible to avoid
asserting RGATE over non-preamble fields as shown in
Fig-
ure 49
For soft sectored drives the DP84967 employs a RGATE
algorithm to allow an external PLL to re-lock to the proper
frequency while searching for a preamble and address
mark This algorithm is shown in
Figure 48 While reading a
preamble (or what the DP84967 thinks is a preamble) the
first non-zero bit clears a bit counter If the data read for this
bit and the next 7 bits do not match the proper Synch regis-
ter RGATE is deasserted If a Synch match is made the
read operation continues to its conclusion
If RGATE is deasserted it will remain deasserted for either
two or six byte times This time is determined by the PLL
(PLL Recovery Time) bit in the Disk Control register
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com