Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 74Page - National Semiconductor (TI) DP8496 Datasheet HTML 75Page - National Semiconductor (TI) DP8496 Datasheet HTML 76Page - National Semiconductor (TI) DP8496 Datasheet HTML 77Page - National Semiconductor (TI) DP8496 Datasheet HTML 78Page - National Semiconductor (TI) DP8496 Datasheet HTML 79Page - National Semiconductor (TI) DP8496 Datasheet HTML 80Page - National Semiconductor (TI) DP8496 Datasheet HTML 81Page - National Semiconductor (TI) DP8496 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
70 AC Specifications (Continued)
714 DISK WRITE DATA AND WRITE GATE TIMING
TLF11212 – 48
ID
Symbol
Parameter
Min
Max
Units
141
rcwch
RCLK to WCLK High (Note 1)
15
ns
142
rcwcl
RCLK to WCLK Low (Note 1)
15
ns
143
rcwga
RCLK to Write Gate Asserted
15
ns
144
rcwgd
RCLK to Write Gate Deasserted
18
ns
145
wds
Write Data Setup to WCLK (Note 2)
rcl b 5ns
146
wdh
Write Data Hold from WCLK (Note 2)
rch b 5ns
Note 1
The absolute value of rcwch–rcwcl is 5 ns (max)
Note 2
rcl refers to the RCLK low time in use rch refers to the RCLK high time in use This formula is tested ony at the frequencies listed in Table 81
Note 3
The WCLK transitions start before the WGATE is asserted and three cycles occur before WGATE assertion
715 DISK ADDRESS MARK (PSEUDO-HARD SECTORED FORMAT)
TLF11212 – 49
ID
Symbol
Parameter
Min
Max
Units
151
came
RCLK to Address Mark Enable
15
ns
152
amfs
Address Mark Found Setup to RCLK
10
ns
716 SCSI RESET
TLF11212 – 50
ID
Symbol
Parameter
Min
Max
Units
161
srst
SCSI RST to All SCSI Lines Undriven
600
ns
162
rstw
SCSI RST Width (Note 1)
2 bcp
ns
Note 1
bcp refers to the BCLK period in use This formula is tested only at the frequencies listed in Table 81
All SCSI signals are active-high on the DP8497
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com