Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 72Page - National Semiconductor (TI) DP8496 Datasheet HTML 73Page - National Semiconductor (TI) DP8496 Datasheet HTML 74Page - National Semiconductor (TI) DP8496 Datasheet HTML 75Page - National Semiconductor (TI) DP8496 Datasheet HTML 76Page - National Semiconductor (TI) DP8496 Datasheet HTML 77Page - National Semiconductor (TI) DP8496 Datasheet HTML 78Page - National Semiconductor (TI) DP8496 Datasheet HTML 79Page - National Semiconductor (TI) DP8496 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
70 AC Specifications (Continued)
ID
Symbol
Parameter
Formula
BCLK e 20 MHz
Units
Min
Max
Min
Max
111
crasa
BCLK to RAS Asserted
30
ns
112
crasd
BCLK to RAS and CAS Deasserted
30
ns
113
rc
ReadWrite Cycle Time
Single xfr
5 bcp
250
4x Burst
9 bcp
450
ns
6x Burst
12 bcp
600
114
ras
RAS WR Pulse Width
Single xfr
2 bcp a bcl b 10
3 bcp b 10
112
140
4x Burst
7 bcp b 57 bcp a 5
345
355
ns
6x Burst
10 bcp b 10
10 bcp a 10
490
510
115
rp
RAS Precharge Time
2 bcp b 595
ns
116
rcd
RAS to CAS Delay Time
bcp a bcl b 10
bcp a bcl b 10
62
68
ns
117
cas
CAS Pulse Width
bcp b 5
bcp a 545
55
ns
118
cpcpn
CAS Precharge Time
bcl b 517
ns
119
asr
Row Address Setup Time
bch b 10
12
ns
1110
rah
Row Address Hold Time
bcp b 10
40
ns
1111
asc
Column Address Setup Time
bch b 10
12
ns
1112
cah
Column Address Hold Time
bcp b 10
40
ns
1113
rac
Access Time from RAS (Read Only)
2 bcp a bcl b 10
112
ns
1114
cac
Access Time from CAS (Read Only)
bcp b 10
40
ns
1115
off
Data Hold from CAS High (Read)
0
bcp a bcl
0
78
ns
1116
ds
Data Setup (Write Only)
bcmin b 10
32
ns
1117
dhr
Data Hold from RAS (Write Only)
2 bcp a bcl b 10
112
ns
1118
dh
Data Hold from CAS (Write Only)
bcp b 10
40
ns
1119
pc
Fast Page Mode Cycle Time
bcp a bcl b 10
62
ns
1120
aa
Access Time from Column Address
bcp a bcmax b 10
68
ns
1121
rad
RAS to Column Addr Delay Time
bcp b 10
40
ns
1122
rsh
RAS Hold Time
bcp b 10
40
ns
1123
ral
Column Addr to RAS Lead Time
bcp a bch b 10
68
ns
1124
wcs
Write Command Setup Time
bcp a bcl b 10
68
ns
1125
wch
Write Command Hold Time
bcp b 10
40
ns
1126
ar
Column Add Hold Time from RAS
2 bcp a bcl b10
112
ns
1127
csh
CAS Hold Time
2 bcp a bcl b 10
112
ns
1128
crp
CAS to RAS Precharge Time
2 bcp b 10
90
ns
Note
bcp means Bus Clock period being used bch and bcl refer to the positive and negative pulse widths of Bus Clock respectively
bcmax means the greater of the bch or bcl depending on the Bus Clock’s duty cycle bcmin means the lesser of the bch or bcl depending on the Bus Clock’s duty
cycle
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com