Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 73Page - National Semiconductor (TI) DP8496 Datasheet HTML 74Page - National Semiconductor (TI) DP8496 Datasheet HTML 75Page - National Semiconductor (TI) DP8496 Datasheet HTML 76Page - National Semiconductor (TI) DP8496 Datasheet HTML 77Page - National Semiconductor (TI) DP8496 Datasheet HTML 78Page - National Semiconductor (TI) DP8496 Datasheet HTML 79Page - National Semiconductor (TI) DP8496 Datasheet HTML 80Page - National Semiconductor (TI) DP8496 Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
70 AC Specifications (Continued)
712 BUFFER MEMORY DYNAMIC RAM REFRESH
TLF11212 – 46
ID
Symbol
Parameter
Formula
BCLK e 20 MHz
Units
Min
Max
Min
Max
121
crasa
BCLK to RAS Asserted (See 111)
30
ns
122
crasd
BCLK to RAS and CAS Deasserted (112)
30
ns
123
rcr
ReadWrite Cycle Time for Refresh
bcp a bcl
72
ns
124
rasr
RAS Pulse Width for Refresh
2 bcp a bch b 5
117
ns
125
rpr
RAS Precharge Time for Refresh
2 bcp a bcl b 5
117
ns
126
csr
CAS to RAS Setup Time
bcp b 5
bcp a 545
55
ns
127
chr
CAS Hold Time
2 bcp a bch b 5
117
ns
128
cpn
CAS Precharge Time
bcp a bcl b 567
ns
129
rpc
RAS to CAS Precharge Time
bcp a bcl b 567
ns
Note 1
bcp means Bus Clock Period being used bch and bcl refer to the positive and negative pulse widths of Bus Clock in use
Note 2
RAS may be asserted on either edge of BCLK
713 DISK READ DATA AND READ GATE TIMING
TLF11212 – 47
ID
Symbol
Parameter
DP84967-33
DP84967-50
Max
Units
Min
Min
131
rds
Read Data Setup to RCLK
7
5
ns
132
rdh
Read Data Hold from RCLK
10
9
ns
133
is
Index Setup to RCLK
10
10
ns
134
ih
Index Hold from RCLK
10
10
ns
135
crg
RCLK to Read Gate
15
ns
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com