Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 10Page - National Semiconductor (TI) DP8496 Datasheet HTML 11Page - National Semiconductor (TI) DP8496 Datasheet HTML 12Page - National Semiconductor (TI) DP8496 Datasheet HTML 13Page - National Semiconductor (TI) DP8496 Datasheet HTML 14Page - National Semiconductor (TI) DP8496 Datasheet HTML 15Page - National Semiconductor (TI) DP8496 Datasheet HTML 16Page - National Semiconductor (TI) DP8496 Datasheet HTML 17Page - National Semiconductor (TI) DP8496 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
40 Functional Description (Continued)
The maximum capacitive loading on the Buffer Memory In-
terface should be taken into account when designing the
buffer memory interface The addressdata pins are de-
signed to directly drive up to 12 DRAM chips with board
traces of reasonable length By using 256k x 1 chips 256k
can easily be addressed in 8-bit mode By using higher den-
sity DRAMs like 1M x 4 and 1M x 1 the full addressing
range of 4M in byte-wide mode and 2M in word-wide mode
can be utilized with chip counts up to or less than 12
No refresh address counters are provided on-chip This ne-
cessitates the use of DRAMs with on-board counters and
the ability to do a ‘‘CAS before RAS’’ type refresh
423 Data Transfer Timing
Two basic transfer modes are possible normal mode and
the fast page mode If the fast page mode is disabled by
setting the DFP bit to 1 in Setup 1 register (60h) then a
single memory transfer will occur every 5 BCLK cycles for
DRAM and every 5 or 6 cycles for SRAM depending on the
SWS bit of the SUP1 register
If the fast page mode is selected by setting the DFP bit to 0
then the DP84967 will transfer up to 6 bytes (or 4 words in
word-mode) of data at a time in a ‘‘burst’’ as long as only
the least significant 8 bits of address change In the case of
DRAMs then the DP84967 only has to change the ad-
dress and toggle the CAS line for each byte or word of the
burst transferred after the first one The number of bytes or
words transferred in a ‘‘burst’’ are shown in Table 46 and
depend on number of bytes or words present in the on-chip
FIFOs the address pointers’ relation to the page boundary
and refresh etc Operation in this mode yields highest at-
tainable buffer memory bandwidths but it requires the use
of fast page mode type DRAMs
TABLE 46 Fast Page Mode Transfer Periods
Number of
DRAM
SRAM
Transfers
Transfer
Transfer
Period
Period
6 Bytes
12 BCLK Period
17 BCLK Pd (SWS e 0)
23 BCLK Pd (SWS e 1)
4 Bytes
9 BCLK Period
1 Byte
5 BCLK Period
4 Words
9 BCLK Period
12 BCLK Pd (SWS e 0)
16 BCLK Pd (SWS e 1)
3 Words
8 BCLK Period
2 Words
6 BCLK Period
1 Word
5 BCLK Period
Note
SWS is bit 5 in SUP1 register (60h)
The DP84967 issues a DRAM refresh cycle every 128 bys
clock periods Of these 5 bus clock periods are used by the
refresh cycle to complete so 123 bus clock periods are left
for actual data transfers Thus the minimum specified bus
clock rate of 10 MHz will guarantee a refresh cycle time of
less than 128 ms per row
The DP84967 automatically manages concurrent buffer
accesses by disk SCSI and processor while also executing
DRAM refresh cycles within the requisite time Small FIFO’s
have been integrated into the DP84967 to allow for buffer
memory latency due to contention The Disk Data Controller
has a 14 byte (or 7 word) FIFO and the SCSI Bus Controller
has a 32 byte (or 16 word) FIFO The word-wide FIFOs are
used if the 16-bit mode is used for buffer memory
The on-chip arbitration circuitry uses the prioritization
scheme shown in Table 47 to smoothly manage the data
flow and insure that the FIFOs don’t overflow or underflow
TABLE 47 Buffer Memory Transfer Priority
Rank
Type of Transfer
1
DRAM Refresh
2
Disk Data Burst
3
SCSI Data Burst
4
Processor Access
5
Disk DataSingle ByteWord
6
SCSI DataSingle ByteWord
7
Idle
The DP84967 arbiter does not waste any cycles between
consecutive transfers even if those transfers used different
pointers Pointers are seamlessly switched so that all mem-
ory transfers use consecutive BCLK cycles
Keeping in mind the above priority scheme some design
trade-offs must be made between the available bandwidth
of the buffer memory port and rates of disk SCSI and proc-
essor accesses that are to be supported A sound design
would assure that enough bandwidth is left over after ac-
commodating simultaneous full-speed disk and SCSI trans-
fers so that occasional processor access can be serviced
within reasonable time Section 426 describes how proces-
sor accesses of buffer memory are handled
Detailed timing specifications for the buffer memory port
can be found in Chapter 6 of this document For a given bus
clock frequency calculations for gross available bandwidth
can be carried out by using Table 46 For example with bus
clock frequency set at 20 MHz and with 6 bytes of fast-
page mode transfers taking 12 cycles
bandwidth of
10 MBytesec is calculated for a byte-wide operation How-
ever after this number is adjusted for the DRAM refresh
cycle
overhead
maximum
bandwidth
is
reduced
to
96 MBytesec There are other practical factors that would
further reduce this number to the attainable sustained
bandwidth for a particular transfer For the case of BCLK e
20 MHz this value turns out to be 93 MHz
As a calculation based on the timing specifications in Chap-
ter 6 would show 100 ns DRAMs would work with the
DP84967 operating with bus clock of 20 MHz By using
faster BCLK and DRAMs the user can achieve sustained
byte-wide bandwidths of above 11 MBytesec
TABLE 48 DRAM Bandwidth Capabilities
Desired
DRAM
Fastest Usable
BCLK
Attainable Bandwidth
Byte-Wide
Word-Wide
100 ns
18 MHz
84 MHz
153 MHz
100 ns
20 MHz
93 MHz
170 MHz
80 ns
22 MHz
102 MHz
187 MHz
80 ns
24 MHz
112 MHz
204 MHz
The maximum BCLK frequency is specified in Chapter 7
For maximum performance however word-wide memory
architecture can be employed
and then
with 100 ns
DRAMs and 20 MHz BCLK
sustained bandwidth of
17 MBs can be attained
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com