Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 80Page - National Semiconductor (TI) DP8496 Datasheet HTML 81Page - National Semiconductor (TI) DP8496 Datasheet HTML 82Page - National Semiconductor (TI) DP8496 Datasheet HTML 83Page - National Semiconductor (TI) DP8496 Datasheet HTML 84Page - National Semiconductor (TI) DP8496 Datasheet HTML 85Page - National Semiconductor (TI) DP8496 Datasheet HTML 86Page - National Semiconductor (TI) DP8496 Datasheet HTML 87Page - National Semiconductor (TI) DP8496 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
70 AC Specifications (Continued)
726 SCSI ASYNCHRONOUS INFORMATION IN PHASE AS TARGET
TLF11212 – 60
ID
Symbol
Parameter
Optimal BCLK
Worst Case
Units
Min
Typ
Max
Min
Max
261
iodz
IO Valid to SCSI Data Driven
800
1100
800
1700
ns
262
pcreq
Phase Change to REQ
400
550
400
800
ns
263
sds
Data Setup to REQ
(Note 3)
(Note 3)
ns
264
sdh
Data Hold from ACK
00
ns
265
acklreqh
ACK Low to REQ High
30
45
TBD
ns
266
ackhreql
ACK High to REQ Low (Notes 1 and 2)
115
185
TBD
ns
267
phack
Phase Hold from ACK High
40
40
ns
Note 1
bcp refers to the BCLK period in use This formula is tested only at the frequencies listed in Table 81
Note 2
Transfer Period (in Synchronous Transfer register) e 0 If Transfer Period e 1 then add an additional bcp
Note 3
This value is programmable It is a functon of the BCLK Frequency bits in SUP1 register and the SCSI clock bits in SDIF2 register
The SCSI 1 specification (including cable skew) is 55 ns The SCSI 2 specification (including cable skew) is 25 ns
SCSI Clock Bits (10)
00
01
11
10
BCLK
00
10
10
20
15
Freq
01
15
10
20
15
(10)
10
15
10
20
15
11
15
10
20
15
Where 10 is defined as bcp b k k is a characterization constant
Where 15 is defined as bcp a bc b k bc is either bcl or bch
Where 20 is defined as 2 bcp b k k is a characterization constant
All SCSI signals are active-high on the DP8497
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com