Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 60Page - National Semiconductor (TI) DP8496 Datasheet HTML 61Page - National Semiconductor (TI) DP8496 Datasheet HTML 62Page - National Semiconductor (TI) DP8496 Datasheet HTML 63Page - National Semiconductor (TI) DP8496 Datasheet HTML 64Page - National Semiconductor (TI) DP8496 Datasheet HTML 65Page - National Semiconductor (TI) DP8496 Datasheet HTML 66Page - National Semiconductor (TI) DP8496 Datasheet HTML 67Page - National Semiconductor (TI) DP8496 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
40 Functional Description (Continued)
45 TIMER
Since there are time-outs of various lengths used through-
out SCSI bus transactions and time periods that need to be
measured for other external and internal system timing a
general purpose Timer is put on-chip It can be programmed
to generate interrupts at a constant rate In addition to Se-
lectionReselection time-outs and monitoring for a ‘‘hung’’
bus this Timer can be reset by the index pulse and used to
check disk rotational speed seek time-outs head position
and many other events Execution of disk commands can
also be delayed until a time-out for positioning of certain
operations on disk data
The Timer interrupt is observable in the Disk Interrupt regis-
ter and is maskable in the Disk Interrupt Enable register
Two registers control the timer the Timer Prescale register
and the Timer Count register Timer Prescale not only con-
trols the divisor but three setreset functions Timer Count
is simply the number of periods in the interval and it reads
back the current count Timer Count is loaded last and
starts the timer
TABLE 430 Timer Periods
BCLK
Min Period
Max Period
10 MHz
400 ns
336 sec
14 MHz
286 ns
240 sec
18 MHz
222 ns
186 sec
22 MHz
182 ns
153 sec
451 Timer Register Descriptions
Timer Prescale (TPRE)
63h
RW
76543210
LOI
ROZ
DCOZ
x
Prescale Code
This register is reset by the CRST pin and the reset com-
mands
LOI Load On Index
1
Restarts counting sequence when leading edge of in-
dex pulse is received This works independently of en-
abling the Index interrupt This bit reloads the timer
count and leaves the prescale value unchanged The
next interrupt generated will be 1BCLK
PRESCALE
TIMER COUNT seconds away No interrupt will be
generated until the Index pulse has been received and
the count value has elapsed
0
The index pulse has no effect on the Timer
ROZ Reload On Zero
1
When the Timer Count reaches zero it is automatically
reloaded with the initial value loaded by the processor
An interrupt is generated if enabled when the Timer
Count register reaches zero This mode can be used as
a ‘‘rate generator’’ giving an interrupt at a periodic rate
0
No reloading of the Timer Count register occurs An
interrupt occurs if enabled when the Timer Count reg-
ister reaches zero The Timer Interrupt will not occur
again until a new value is loaded into Timer Counter
DCOZ Drive Command On Zero
1
Drive commands loaded to Disk Command register will
not be started until the Timer Count register counts
down to zero The Timer Count register should be load-
ed after the Disk Command register with a value calcu-
lated to position the command at the track position de-
sired Typically the LOI (Load On Index) bit will be set
and command would be a Read or Write Unformatted
0
Drive commands are executed normally
Prescale Code
TABLE 431 Prescale Code
Prescale
Prescale
Prescale
Code
Code (Hex)
Value
3210
0000
0
4
0001
1
8
0010
2
16
0011
3
32
0100
4
64
0101
5
128
0110
6
256
0111
7
512
1000
8
1024
1001
9
2048
1010
A
4096
1011
B
8192
1100
C
16k
1101
D
32k
1110
E
64k
1111
F
128k
LOI and ROZ Bits
Load On Index and Restart On Zero bits can be used in any
combination When both the LOI and ROZ bits are set the
LOI function takes priority If the Index pulse is received a
reload is done regardless of the count The interesting case
is when the Timer Count register reaches zero before the
next index pulse Multiple interrupts can be generated dur-
ing the disk revolution with each revolution synchronized to
the index pulse A useful setup might be to program the
prescale and count to interrupt for each sector on a track
Timer Count (TCNT)
64h
RW
76543210
Count
The action of loading the register starts the counting pro-
cess Timer Count is loaded by the processor and specifies
the number of 1BCLK
PRESCALE periods to count It
decrements to zero and creates an interrupt if enabled The
Timer Count is readable at any time and contains the cur-
rent count as it is decrementing
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com