Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 49Page - National Semiconductor (TI) DP8496 Datasheet HTML 50Page - National Semiconductor (TI) DP8496 Datasheet HTML 51Page - National Semiconductor (TI) DP8496 Datasheet HTML 52Page - National Semiconductor (TI) DP8496 Datasheet HTML 53Page - National Semiconductor (TI) DP8496 Datasheet HTML 54Page - National Semiconductor (TI) DP8496 Datasheet HTML 55Page - National Semiconductor (TI) DP8496 Datasheet HTML 56Page - National Semiconductor (TI) DP8496 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
40 Functional Description (Continued)
SCSI Data (SDAT)
41h
RW
76543210
Data
This register allows access to the SCSI Data Bus by the
processor while in Manual Mode See Section 443 for de-
tails about Manual Mode data transfers These bits are as-
serted only if a ‘‘1’’ is written On the single-ended SCSI bus
that is open-drain writing a ‘‘0’’ turns off the driver and al-
lows the bus to float
This register should only be used while in the Manual Mode
There are two exceptions
1 Just before switching from Automatic to Manual Mode
See Section 443
2 Just before a Transfer Pad command See the Transfer
Pad command description
SCSI Control (SCTL)
42h
RW
76543210
BSY
SEL
ATN
CD
IO
MSG
REQ
ACK
The SCSI Control register is really an image of eight out of
the nine SCSI control lines The direction and RW attri-
butes of these bits are determined by the Target or Initiator
mode and whether in Automatic or Manual operation A
summary of bit attributes are given in Table 422 When they
are read ATN CD IO and MSG bits reflect the logical
OR of what is on the SCSI bus and what the chip is attempt-
ing to drive These two values may not be the same under
some abnormal conditions For example on the DP8497
incorrect use of the Differential SCSI register in manual
mode or an external circuit fault may cause such a conflict
The SCSI RST signal does not appear in this register but is
driven by the DP84967 from the SCSI Operation register
When RST is driven by another SCSI device it will generate
a ‘‘SCSI Reset’’ interrupt
Note the ATN line is writable in Automatic mode when con-
figured as an Initiator However the SWA (Select With At-
tention) bit in the SCSI Operation register should be used to
assert the ATN signal properly during the Selection phase
The ATN bit is only intended to be written during the Trans-
fer Info or Transfer Pad commands
These bits are asserted only if a ‘‘1’’ is written Since the
SCSI bus is open-drain writing a ‘‘0’’ turns off the driver and
allows the bus to float
TABLE 422 Bit Attributes in SCSI Control Register
Sig
Target
Initiator
Dir
Auto
Man
Dir
Auto
Man
BSY
IO
R
RW
IO
R
RW
SEL
IO
R
RW
IO
R
RW
ATN
IO
R
R
O
RW
RW
CD
O
RW
RW
I
R
R
IO
O
RW
RW
I
R
R
MSG
O
RW
RW
I
R
R
REQ
O
R
RW
I
R
R
ACK
I
R
R
O
R
RW
SCSI Operation (SOP)
43h
RW
76543210
TI
SWA
AM
SE
AH
APE
PEP
RST
This register must be loaded before SCSI Block Count and
SCSI Block Size registers
TI TargetInitiator
This bit must not be changed while an information transfer
phase is in progress It can be changed after an unexpected
Selection or Reselection but in these cases it must be
changed before a transfer command is issued It also can
be changed while the SCSI bus is idle
Caution
If the last command written to the SCSI Command
register is legal in the current mode only (Target or Initiator)
a Clear Pending Command should be issued before the (TI
bit is modified Even if the last command has completed and
the interrupt has been processed the Clear Pending Com-
mand should be issued If this is not done an ‘‘Invalid Com-
mand’’ interrupt will be generated after the TI bit is
changed
1
Target Mode All commands and modes relevant to the
Target functions are enabled ((Re)Select command
becomes Reselect)
0
Initiator Mode All commands and modes relevant to
the Initiator function are enabled ((Re)Select command
becomes Select)
SWA Select With Attention
1
When in the Initiator mode and Selecting the ATN sig-
nal will be asserted as per SCSI specifications
0
When in the Initiator mode and Selecting the ATN line
will not be asserted
When executing Transfer InfoPad commands ATN can be
controlled through the SCSI Control register In addition
when executing Transfer InfoPad commands while execut-
ing any Information In phase ATN will be asserted on a
SCSI bus parity error if enabled in the Setup 2 register
AM AutomaticManual Mode
1
Enables the Automatic mode of operation enabling the
SCSI sequencer SCSI commands may be issued to the
SCSI Command register The chip will respond properly
to (Re)Selections
0
Manual Mode completely disables the SCSI sequencer
and clears any curent SCSI command No SCSI com-
mands may be issued in this mode but it has no effect
on the Disk Data Controller In this mode the processor
has complete control over the SCSI bus and any se-
quence legal or illegal can be performed
Automatic to Manual Restrictions
Before switching from
Automatic mode to Manual mode the TI (TargetInitiator)
bit in this same register should be set to the desired value
Also the HE (Handshake Enable) bit in the Synchronous
Transfer register should be programmed If the DP84967 is
not currently connected to the SCSI bus the HE bit should
be set to ‘‘0’’ This guarantees that all 18 SCSI signals will
remain glitchless during the AM bit transition If the HE bit
is set to ‘‘1’’ only the 9 SCSI Bus Control signals are guar-
anteed to remain glitchless
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com