Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 61Page - National Semiconductor (TI) DP8496 Datasheet HTML 62Page - National Semiconductor (TI) DP8496 Datasheet HTML 63Page - National Semiconductor (TI) DP8496 Datasheet HTML 64Page - National Semiconductor (TI) DP8496 Datasheet HTML 65Page - National Semiconductor (TI) DP8496 Datasheet HTML 66Page - National Semiconductor (TI) DP8496 Datasheet HTML 67Page - National Semiconductor (TI) DP8496 Datasheet HTML 68Page - National Semiconductor (TI) DP8496 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
50 Application Information Buffer Memory Interfacing
in a Fast SCSI Implementation
Today’s hard disk systems require high throughput in each
stage from the magnetic media to the CPU Additionally
users wish to have wide access to a great many different
drive types and manufacturers This was the motivation for
the SCSI interface To achieve high throughput SCSI-2 de-
fines a differential cable transmission scheme and a Fast
option that allows transfers at 10 MBytessec At the same
time faster serial data rate from the disk drive is required in
order to utilize this increased bus bandwidth Thus disk data
rates of 33 Mbitssec (or 42 MBytessec) are becoming
common Into this fray of information exchange is the added
requirements of error correction and drive control hence
the need for a processor to also have access to the data
This example application shown in
Figure 51 illustrates
how the DP8497 can be used to implement a drive design
that achieves 10 MBytessec SCSI transfer rate and a
33 Mbitsec disk data rate while using only low-cost 100 ns
variety DRAMs The key feature of the DP8497 that makes
this possible is its word-wide buffer memory port This ex-
ample application requires the buffer memory port to pro-
vide enough bandwidth to support 10 MBytessec (SCSI) a
42 MBytessec (Disk) a Processor Accesses a DRAM
Refreshes under the maximum load The DP84967 auto-
matically handles refresh if DRAMs are used The refresh
occurs once every 128 BCLK cycles and takes 5 BCLK cy-
cles to complete Hence a refresh cycle starts after 123
BCLK cycles Under the maximum load the FIFOs will
transfer 4 words in 9 BLCK cycles This gives over 13 trans-
fers per refresh Using a word length of 2 bytes this means
that 2 c 13 c 4 or 104 bytes will be transferred in 123
BLCK cycles If BCLK is running at 20 MHz then there is at
least 1691 MBytessec available for disk SCSI and proces-
sor accesses With the above constraints this allows the
processor to have access to a bandwidth of 27 MBytessec
under the worst case
Standard 100 ns fast page mode DRAMs have a cycle time
of 180 ns for a random access Page mode DRAMs the
most common type allow a faster access to data that
shares the same ‘‘page’’ as the previous access Each of
these ‘‘same page’’ accesses takes 55 ns Thus with a burst
of 4 words under a high load condition there is one random
access (usually) followed by 3 fast accesses to the same
page The minimum time in which these accesses could be
achieved would be 180 ns a 3 c 55 ns or 345 ns The time
for a burst read of 4 words is 9 BCLKs thus at a BCLK of
20 MHz the total time taken is 450 ns This is more than
enough time for the DRAM With this ability it is possible to
have a sustained memory bandwidth of 169 MBytessec
with 100 ns Page mode DRAMs However the random and
page access times cycle time and setup and hold times
should be checked against the buffer memory timing spec
for the particular type of DRAMs used
Since page mode DRAMs have a limited page size there is
often a need to change pages This action requires a new
row address to be presented to the DRAMs If a burst will
require the address to change its page then the burst is
truncated to fit up to the end of the page and a new burst
transfer occurs at the beginning of the page boundary The
worst case is when there is only one word that can be trans-
ferred at the end of the page Thus when the burst should
have transferred 4 words in 9 BCLK cycles that same four
word transfer now takes 5 (1 word) a 8 (three words) or 13
BCLK cycles The system will only cross a page boundary at
the most once every page size In the DP84967 this is 256
addresses If transfers are never aligned to page bounda-
ries the following sequence of events will occur for a 256
word transfer
3 blocks of 54 words each terminated with a refresh
1 block of 54 words terminated with a refresh and a
page boundary
1 block of 40 words to complete the 256 word
transfer
Total of 256 words transferred
This requires the following number of corresponding cycles
3 blocks of 128 BCLK cycles
1 block of 132 cycles because of the page boundary
1 block of 90 cycles for the remaining 40 words
Total of 606 BCLK cycles taken
Therefore the corresponding transfer rate becomes 16898
MBytessec Note that the reduction in bandwidth due to
page effects is only 07%
Figure 53 illustrates the net at-
tainable bandwidth as a function of BCLK frequency
The 512 KByte buffer memory shown in the schematic
makes possible large cache buffers for the purpose of re-
ducing effective access times The 256k c 18 DRAM chip
was chosen to minimize the number of chips while still
maintaining the word-wide bandwidth In this way only one
DRAM chip is used However cheaper x4 DRAM chips may
be used at the cost of increased board space
The
DP84967s support other widths of DRAMs such as 256k x
4s and 1 Meg x 1s The SDDC can support the load of up to
12 DRAMs The example also uses parity to help ensure
that the data from the host computer is not errantly changed
on its way to the magnetic media or visa versa
The Rest of the Circuit
To start the connection between the SCSI cable and the
differential transceivers requires termination The termina-
tion resistors are not shown in the schematic however they
should be the same as defined in the SCSI standard This is
shown in
Figure 52
The DB8497 has the differential transceiver enable controls
on chip These connect directly to the drive enable pins on
the DS36954As In this way complete differential SCSI can
be achieved by only adding the transceiver chips and termi-
nation resistors
The mController used is the HPC46003 This 16-bit proces-
sor is capable of achieving high instruction rates and uses a
very compact coding scheme Other versions of the mCon-
troller have internal ROM that may be mask programmed
All versions have at least 256 bytes of internal RAM
This circuit has an external 32 KBytes of ROM for prototyp-
ing An additional 32 KBytes of RAM is provided to allow the
HPC to download programs through its UART again for pro-
totyping and also for additional storage Since the mCon-
troller has been forced into 8-bit access only a single latch
is required to hold the address for the RAM and ROM
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com