Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 112 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 108Page - NXP Semiconductors FXLS93421 Datasheet HTML 109Page - NXP Semiconductors FXLS93421 Datasheet HTML 110Page - NXP Semiconductors FXLS93421 Datasheet HTML 111Page - NXP Semiconductors FXLS93421 Datasheet HTML 112Page - NXP Semiconductors FXLS93421 Datasheet HTML 113Page - NXP Semiconductors FXLS93421 Datasheet HTML 114Page - NXP Semiconductors FXLS93421 Datasheet HTML 115Page - NXP Semiconductors FXLS93421 Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
aaa-030612
time
oscillator
adjustment
Response
one PSI5 period
Command
tPDCM_CMD_B
4 ms = nPDCM_PER_4ms_TYP
nOSC_4ms
new oscillator
count starts
Figure 18. PSI5 oscillator training timing diagram
Notes:
• In order to benefit from the PSI5 oscillator training accuracy improvements, the
oscillator must be trained prior to data transmissions in Initialization phase 2. For this
reason, if oscillator training is enabled in PSI5 mode, the device will not respond to
sync pulses during initialization phase 1, but oscillator training will be enabled tRS_PM
after reset.
11.5.1.3 SPI oscillator training
Oscillator training is enabled if the CK_CAL_EN bit is set in the TIMING_CFG register
and is accomplished by verifying the timing of periodic SOURCEID_0 sensor data
request SPI commands from the master against the value stored in the PDC-M_PER[2:0]
bits of the user read/write register array. The master programs the intended command
period into the PDC-M_PER[2:0] bits. The device then calculates the number of
transmission periods for every 4 ms (nSPI_PER_4ms_TYP).
In SPI Mode, oscillator training is completed over 4 ms periods if the CK_CAL_EN bit is
set. The following procedure is used to train the oscillator:
1. The device counts the number of oscillator cycles in nSPI_PER_4ms_TYP periods
(nOSC_4ms).
2. nOSC_4ms is compared to nOSC_4ms_TYP. If the value is within the acceptable training
window (OscTrainWIN) specified in Section 10.20, an oscillator adjustment is made.
Otherwise, no adjustment is made.
a. If nOSC_4ms is greater than nOSC_4ms_TYP + OscTrainADJ, the oscillator frequency
target is decreased by OscTrainRES.
b. If nOSC_4ms is less than nOSC_4ms_TYP - OscTrainADJ, the oscillator frequency target
is increased by OscTrainRES.
c. The oscillator frequency target value is changed.
11.5.1.4 I2C oscillator training
Oscillator training is enabled if the CK_CAL_EN bit is set in the TIMING_CFG register
and is accomplished by verifying the timing of periodic I2C reads of the SNSDATA0_L
register from the master against the value stored in the PDCM_PER[2:0] bits of the user
read/write register array. The master programs the intended command period into the
PDCM_PER[2:0] bits. The device then calculates the number of transmission periods for
every 4 ms (nSPI_PER_4ms_TYP).
In I2C mode, oscillator training is completed over 4 ms periods if the CK_CAL_EN bit is
set. The following procedure is used to train the oscillator:
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
112 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com