Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 116 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 112Page - NXP Semiconductors FXLS93421 Datasheet HTML 113Page - NXP Semiconductors FXLS93421 Datasheet HTML 114Page - NXP Semiconductors FXLS93421 Datasheet HTML 115Page - NXP Semiconductors FXLS93421 Datasheet HTML 116Page - NXP Semiconductors FXLS93421 Datasheet HTML 117Page - NXP Semiconductors FXLS93421 Datasheet HTML 118Page - NXP Semiconductors FXLS93421 Datasheet HTML 119Page - NXP Semiconductors FXLS93421 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
aaa-030615
PS15 Internal self-test
Complete Internal Fixed
Capacitor self-test
Suspend the Offset
Cancellation Filter
ST Disabled
Sample DSP Output
Captured 16 Sensor
Readings?
Enable Positive self-test
Delay 8.192 ms
Sample DSP Output
Calculate ST+ =
STPOSAVG - OffsetAVG
Disable self-test
Delay 8.192 ms
Disable self-test
Delay 8.192 ms
Enable Digital self-test
Delay 19.5 ms
Sample DSP Output
Increment ST_RPT
Sample DSP Output
Reset Offset Cancellation
Delay 106 ms
Disable self-test
Delay 512 µs
no
yes
no
yes
no
Delay 512 µs
Set REPEAT_ST
Captured 16 Sensor
Readings?
no
Delay 512 µs
Captured 16 Sensor
Readings?
REPEAT_ST
Set?
no
yes
yes
no
no
yes
Delay 512 µs
Captured 16
Sensor Readings?
DST
within Specification
Limits?
ST_RPT at max?
no
no
Exit
yes
Enable Negative self-test
Delay 8.192 ms
no
Delay 512 µs
Captured 16 Sensor
Readings?
yes
Self-test failed.
SET ST_ERROR
Self-test failed.
SET ST_ERROR
yes
Sample DSP Output
Sample DSP Output
ST+ within
Specification Limits?
no
no
Increment ST_RPT
yes
ST_RPT at max?
Exit
yes
OC - within
Programmed Limits?
Self-test passed.
Clear ST_ERROR
Exit
yes
ST_RPT at max?
Self-test failed.
SET ST_ERROR
Exit
Fixed Cap Test Pass?
Self-test failed.
SET ST_ERROR
Exit
Delay tPSI5ST_START
no
yes
Set REPEAT_ST
yes
ST- within
Specification Limits?
no
yes
Increment ST_RPT
Calculate ST- =
STNEGAVG - OffsetAVG
Figure 20. PSI5 self-test procedure
If the ST_ERROR flag in the CHx_STAT register is set once this test is complete, the
device will exit PSI5 initialization phase 2 with a self-test error and the self-test error
message are transmitted instead of sensor data. In this case, the ST_ER-ROR bit can
only be cleared by a device reset.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
116 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com