Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 115 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 111Page - NXP Semiconductors FXLS93421 Datasheet HTML 112Page - NXP Semiconductors FXLS93421 Datasheet HTML 113Page - NXP Semiconductors FXLS93421 Datasheet HTML 114Page - NXP Semiconductors FXLS93421 Datasheet HTML 115Page - NXP Semiconductors FXLS93421 Datasheet HTML 116Page - NXP Semiconductors FXLS93421 Datasheet HTML 117Page - NXP Semiconductors FXLS93421 Datasheet HTML 118Page - NXP Semiconductors FXLS93421 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Where:
ΔSTACC
= The accuracy of the self-test deflection relative to the stored deflection as
specified in Section 10.8.
STDATA
= The value stored in the appropriate CHx_STy_z register as defined in
Section 11.2.37.
11.6.2.3 Startup digital self-test
In DSI3 mode, SPI mode or I2C mode, during device initialization (ENDINIT not set),
the user can activate a digital self-test by writing to the ST_CTRL[3:0] bits in the
CHx_CFG_U5 register. The digital self-test inputs a known signal stream into the front
end of the DSP. After a delay defined by the low-pass filter selected, the output sensor
data reaches a fixed value which can be verified by the user. The digital self-test values
are listed in Section 11.2.27.1.
11.6.2.4 Fixed pattern self-test
In DSI3 mode, SPI mode or I2C mode, during device initialization (ENDINIT not set),
the user can activate a fixed pattern self-test by writing to the ST_CTRL[3:0] bits in the
CHx_CFG_U5 register. Fixed pattern self-tests force the DSP output to a set of known
values, enabling the user to verify each bit of the sensor data. The fixed pattern self-test
values are listed in Section 11.2.27.1.
11.6.2.5 PSI5 automatic startup self-test procedure
Figure 20 shows the PSI5 self-test procedure which is run automatically at startup on
each channel if the device is a PSI5 device. The minimum gain settings are used for this
procedure: U_SNS_SHIFT = '00', U_SNS_MULT = 0x00.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
115 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com