Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 117 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 113Page - NXP Semiconductors FXLS93421 Datasheet HTML 114Page - NXP Semiconductors FXLS93421 Datasheet HTML 115Page - NXP Semiconductors FXLS93421 Datasheet HTML 116Page - NXP Semiconductors FXLS93421 Datasheet HTML 117Page - NXP Semiconductors FXLS93421 Datasheet HTML 118Page - NXP Semiconductors FXLS93421 Datasheet HTML 119Page - NXP Semiconductors FXLS93421 Datasheet HTML 120Page - NXP Semiconductors FXLS93421 Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.6.3 Inertial sensor ΣΔ converter
A second order sigma delta modulator converts the differential capacitance of the
transducer to a data stream that is input to the DSP. The sigma delta modulator operates
at a frequency of 1 MHz. A simplified block diagram is shown in Figure 6.
aaa-030616
CTOP
CBOT
transducer
first
integrator
α1 =
α2
β1
β2
Z-1
1 - Z-1
+
-
+
-
VX
CINT1
second
integrator
V = 0 V, VREF
Y(Z) = {0, 1}
1-Bit
quantizer
ADC
DAC
Z-1
1 - Z-1
Figure 21. ΣΔ converter block diagram
11.6.4 Inertial sensor digital signal processor
A digital signal processor (DSP) is used to perform signal filtering and compensation. A
diagram illustrating the signal processing flow within the DSP is shown in Figure 22.
aaa-030617
INTERPOLATION
OUTPUT
SCALING
DSPOUT
R
SINC
FILTER
IIR
LPF
TRIM
∑ OUT
A
B
C
D
E
F
H
M
J
DIGITAL
CLIPPING
DOWN
SAMPLE
MOVING
AVERAGE
USER
SENSE
SCALING
DOWN
SAMPLE
OFFSET
LPF
OFFSET
MONITOR
ARMING
FUNCTION
OFFSET
CANCELLATION
RATE LIMIT
K
+
-
Q
P
selectable output types
- F with interpolation
- F without interpolation
- M with interpolation
- M without interpolation
- F - K with interpolation
- F - K without interpolation
- M - K with interpolation
- M - K without interpolation
- F - L with interpolation
- F - L without interpolation
- M - L with interpolation
- M - L without interpolation
data type 0
yes (01)
no
no
yes (01)
yes (00)
no
no
yes (01)
yes (01)
no
no
yes (01)
data type 1
no
yes (100)
no
yes (001)
no
yes (000)
no
yes (000)
no
yes (100)
no
yes (000)
Figure 22. Signal chain diagram
Description
Sample Time
(µs)
Data
width
(Bits)
Sign
(Bits)
Over
range
(Bits)
Signal
width
(Bits)
Signal
margin
(Bits)
Typical
block
latency
Reference
A ΣΔ
1
1
1
NA
1
NA
2.5 µs
Section 11.6.3
B SINC Filter
16, 32, 64
23
1
NA
21
NA
22.5 µs
Section 11.6.4.1
C Trim
16, 32, 64
32
1
2
18
11
N/A
Section 11.6.4.2
D Digital Clipping
16, 32, 64
32
1
2
18
11
N/A
Section 11.6.4.3
E Low-pass filter
16, 32, 64
32
1
2
18
11
Filter
Dependent
Section 11.6.4.4
Table 200. Signal chain diagram legend
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
117 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com