Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 122 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 118Page - NXP Semiconductors FXLS93421 Datasheet HTML 119Page - NXP Semiconductors FXLS93421 Datasheet HTML 120Page - NXP Semiconductors FXLS93421 Datasheet HTML 121Page - NXP Semiconductors FXLS93421 Datasheet HTML 122Page - NXP Semiconductors FXLS93421 Datasheet HTML 123Page - NXP Semiconductors FXLS93421 Datasheet HTML 124Page - NXP Semiconductors FXLS93421 Datasheet HTML 125Page - NXP Semiconductors FXLS93421 Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
n21
0.250000391
85483757809
d21
1
n22
0.499998882
29656874739
d22
–1.691365664
38039781524
11
375
64
892
–21.7
1.68
n23
0.250000725
84865173919
d23
0.741777177
60299266558
Table 208. LPF #8...continued
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(HZ)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
a0
0.064615703
92887561187
00 or 01
500
16
558
–12.0
1.18
n11
0.002532283
58602412005
d11
1
n12
0.002533824
55746249506
d12
–0.935384296
07112438813
n13
0.0
d13
0.0
10
250
32
1116
–27.9
2.36
n21
0.250076066
29379214302
d21
1
n22
0.499999953
72560029905
d22
–1.894618878
39771225828
9
1001
11
125
64
3
2232
–45.8
4.72
n23
0.249923979
97755622097
d23
0.899684986
54120099278
Table 209. LPF #9
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
a0
0.011904109
84205714229
00 or 01
800
16
419
–4.92
0.795
n11
0.003841581
86528944052
d11
1
n12
0.007683254
14507123675
d12
–1.790004627
19285069468
n13
0.003841554
98534484614
d13
0.801908737
03490794799
10
400
32
838
–19.5
1.59
n21
0.250001033
66513437564
d21
1
n22
0.499996183
39874751793
d22
–1.836849434
91757790568
A
1010
11
200
64
4
1676
–42.3
3.18
n23
0.250002782
93126343421
d23
0.852215825
91330946599
Table 210. LPF #A
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
a0
0.025461958
27091324651
B
1011
00 or 01
1200
16
4
279
–2.00
0.530
n11
0.008307694
58672901175
d11
1
Table 211. LPF #B
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
122 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com