Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 123 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 119Page - NXP Semiconductors FXLS93421 Datasheet HTML 120Page - NXP Semiconductors FXLS93421 Datasheet HTML 121Page - NXP Semiconductors FXLS93421 Datasheet HTML 122Page - NXP Semiconductors FXLS93421 Datasheet HTML 123Page - NXP Semiconductors FXLS93421 Datasheet HTML 124Page - NXP Semiconductors FXLS93421 Datasheet HTML 125Page - NXP Semiconductors FXLS93421 Datasheet HTML 126Page - NXP Semiconductors FXLS93421 Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
n12
0.016615493
41945577768
d12
–1.692260733
94381204551
n13
0.008307673
73784346147
d13
0.717722692
21472528855
10
600
32
558
–9.30
1.06
n21
0.250000627
40839573694
d21
1
n22
0.499998117
78583796995
d22
–1.753850626
39799738093
11
300
64
1116
–28.8
2.12
n23
0.250001254
80314383530
d23
0.787081488
14205258770
Table 211. LPF #B...continued
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
a0
0.015895001
45947964072
00 or 01
120
16
2325
–46.5
5.00
n11
0.000151619
88544501960
d11
1
n12
0.000152009
54845361584
d12
–0.984104998
54052035928
n13
0.0
d13
0.0
10
60
32
4650
–64.5
10.0
n21
0.250321249
94306603760
d21
1
n22
0.499999175
53953604488
d22
–1.974640453
92631648568
C
1100
or
1101
11
30
64
3
9300
–82.8
20.0
n23
0.249679574
70143059551
d23
0.974944083
36020621508
Table 212. LPF #C
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(kHz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
a0
0.462284907
69863128662
00 or 01
20
16
< 50
0
< 0.100
n11
1.032979726
79138183594
d11
1
n12
2.065959453
58276367188
d12
0.723919987
67852783203
n13
1.032979726
79138183594
d13
0.186203718
18542480469
10
10
32
< 100
–0.01
< 0.200
n21
1
d21
1
n22
0
d22
0
D
1100
or
1101
11
5
64
2
< 200
–0.04
< 0.400
n23
0
d23
0
Table 213. LPF #D
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
E
1110
00 or 01
120
16
2
1804
–32.8
4.85
a0
0.000238952
80210650682
Table 214. LPF #E
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
123 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com