Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 124 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 120Page - NXP Semiconductors FXLS93421 Datasheet HTML 121Page - NXP Semiconductors FXLS93421 Datasheet HTML 122Page - NXP Semiconductors FXLS93421 Datasheet HTML 123Page - NXP Semiconductors FXLS93421 Datasheet HTML 124Page - NXP Semiconductors FXLS93421 Datasheet HTML 125Page - NXP Semiconductors FXLS93421 Datasheet HTML 126Page - NXP Semiconductors FXLS93421 Datasheet HTML 127Page - NXP Semiconductors FXLS93421 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
n11
0.25
d11
1
n12
0.50
d12
–1.973166250
13962188007
n13
0.25
d13
0.973405202
94172827587
10
60
32
3608
–44.7
9.70
n21
1
d21
1
n22
0
d22
0
11
30
64
7216
–57.0
19.4
n23
0
d23
0
Table 214. LPF #E...continued
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
a0
0.000051373
22664827693
00 or 01
50
16
6726
–89.7
12.8
n11
0.000015041
24143177110
d11
1
n12
0.000032261
11162087577
d12
–1.986263192
05697576820
n13
0.000017387
20648386979
d13
0.986314565
28362415614
10
25
32
13,452
–114
25.6
n21
0.268800639
11477075633
d21
1
n22
0.498663181
55607519680
d22
–1.989975680
35769623052
F
1111
11
12.5
64
4
26,904
–138
51.2
n23
0.232535878
66496652770
d23
0.990040369
88244481510
Table 215. LPF #F
aaa-030619
-40
-50
0
-10
-20
-30
10
magnitude
(dB)
-60
frequency (Hz)
10
104
103
102
minimum oscillator
typical oscillator
maximum oscillator
Figure 24. 400 Hz, 4-pole low-pass filter response magnitude
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
124 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com