Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8658 Datasheet(PDF) 18 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 14Page - Microsemi Corporation VSC8658 Datasheet HTML 15Page - Microsemi Corporation VSC8658 Datasheet HTML 16Page - Microsemi Corporation VSC8658 Datasheet HTML 17Page - Microsemi Corporation VSC8658 Datasheet HTML 18Page - Microsemi Corporation VSC8658 Datasheet HTML 19Page - Microsemi Corporation VSC8658 Datasheet HTML 20Page - Microsemi Corporation VSC8658 Datasheet HTML 21Page - Microsemi Corporation VSC8658 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
10
4.2
SerDes Media Interface
The VSC8658 device SerDes Media Interface performs data serialization and deserialization functions
using an integrated SerDes block. The interface operates at 1.25 Gbps speed, providing full-duplex and
half-duplex 1000 Mbps bandwidth that can connect directly to 100BASE-FX/1000BASE-X-compliant
optical devices as well as to 10/100/1000BASE-T copper SFP devices. The interface can be operated in
two SerDes modes:
•
SerDes with Media Interface PCS Auto-Negotiation mode
•
SerDes with Pass-Through mode
The SerDes with Media Interface PCS Auto-Negotiation mode supports IEEE standard 802.3, clauses 36
and 37, which describe fiber auto-negotiation. In this mode, control and status of the SerDes media is
displayed in the VSC8658 device registers 0 through 15 in a manner similar to what is described in the
IEEE standard 802.3, clause 28. In this mode, connected copper SFPs can only operate at 1000BASE-T
speed. A link in this mode is established using auto-negotiation (enabled or disabled) between the PHY
and the link partner.
For information about how the VSC8658 LEDs operate in this mode, see LED Behavior, page 19.
SerDes with Pass-Through mode is a feature that links a fiber module or copper SFP directly to the
SerDes interface of the MAC through the VSC8658 device. For example, to support 10/100/1000 copper
SFPs, the MAC must be able to operate in SGMII mode. Because the MAC controls the establishment of
the link, PHY registers 0 through 15 and the PHY LEDs do not indicate link information when in SerDes
Pass-Through Mode. In this case, the only supported LED operation is the force on and force off modes.
A pass-through link is established when the SIGDET pin is asserted.
4.3
SGMII MAC-to-100BASE-FX Mode
The VSC8658 can support the 100BASE-FX communication speed to connect to fiber modules, such as
GBICs and SFPs.
This capability is facilitated by using the connections on the SerDes pins when connected to a MAC
through SGMII. Ethernet Package Generator (EPG), cyclical redundancy checking (CRC) counters, and
loopback modes are supported in the 100BASE-FX over SerDes mode. For information about how the
VSC8658 LEDs operate in this mode, see LED Behavior, page 19.
For information about how to configure the VSC8658 in 100BASE-FX mode using the twisted pair
interface, see 100BASE-FX Control, page 54.
4.4
Automatic Media-Sense (AMS) Interface Mode
This mode can automatically set the media interface to Cat5 or to SerDes interface modes automatically.
The active media mode chosen is based on the automatic media-sense (AMS) preferences set in the
device register 23, bit 11.
The following illustration shows a block diagram of the AMS functionality in the VSC8658 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com