Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8658 Datasheet(PDF) 93 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 93 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 87Page - Microsemi Corporation VSC8658 Datasheet HTML 88Page - Microsemi Corporation VSC8658 Datasheet HTML 89Page - Microsemi Corporation VSC8658 Datasheet HTML 90Page - Microsemi Corporation VSC8658 Datasheet HTML 91Page - Microsemi Corporation VSC8658 Datasheet HTML 92Page - Microsemi Corporation VSC8658 Datasheet HTML 93Page - Microsemi Corporation VSC8658 Datasheet HTML 94Page - Microsemi Corporation VSC8658 Datasheet HTML 95Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 93 / 95 page
background image
Design Considerations
VMDS-10242 VSC8658 Datasheet Revision 4.1
85
9
Design Considerations
This section provides information about design issues for the VSC8658 device.
9.1
PHY Address ID (Register 23E, Bits 15 to 11)
Issue: The PHY Address ID in Register 23E does not function as intended. It can only indicate the
physical PHY port numbers 0 through 7 instead of those set through the CMODE pins.
Implications: A user needs to be aware that this address only represents the physical port number as
opposed to the actually PHY address on the MDC/MDIO bus.
Workaround: Software needing this feature must detect which specific device it is communicating to and
add a necessary offset to the address value to process the correct address.
9.2
JTAG Input High Voltage at 2.1 V
Issue: The JTAG pins do not meet the VIH(min) requirements of the CMOS and LVTTL standards. At
certain PVT corners, the minimum is 2.1 V.
Implications: None.
Workaround: None.
9.3
First SMI Write Fails After Software Reset
Issue: After applying software reset (using either register 0, bit 15 or the NSRESET pin), the first
subsequent SMI write operation into register 4 (auto-negotiation advertisement) or register 9
(1000BASE-T control) does not work. This issue only occurs if the first SMI write after software reset is
into register 4 or 9. This issue does not occur if any kind of SMI transaction (either read or write) is
applied to any register between the time of the software reset and the SMI write into register 4 or 9.
Implications: The PHY may operate unexpectedly, because settings for registers 4 and 9 remain at the
reset value. There are no such implications after either hardware reset or power-down events.
Workaround: Writing “0x0000” into register 31 after every software reset avoids this issue, and
subsequent SMI writes into register 4 or 9 succeed.
9.4
LED3 Port 7 Coupling Issue into XTAL Clock Pin
Issue: Whenever LED3 Port 7 blinks, the resulting noise couples into the XTAL clock input pin. This
causes additional noise on the transmit SerDes interface in the form of transmit jitter. In this case,
transmit jitter increases to a value in the range of 360 ps to 380 ps. This behavior is not seen with other
LED pins.
Implications: Using both the LED3 Port 7 and XTAL pins causes a higher level of transmit jitter on the
SerDes interface of the device.
Workaround: For better performance, avoid using the LED3 Port 7 pin as an LED indication.
9.5
100BASE-FX Clock Data Recovery Improvement
Issue: It is possible to improve the overall receive data performance in 100BASE-FX media by changing
the standard settings for the Clock Data Recovery (CDR) block.
Implications: While there is a low chance of seeing an issue in 100BASE-FX, it is recommended to
implement this script.
Workaround: There is a software workaround for this problem that can improve the 100BASE-FX CDR.
Change the CDR settings using the following script at PHY initialization time:
PhyWrite( PortNo, Register (dec), 16_bit_unsigned_data(hex) );
16_bit_unsigned_data = PhyRead( PortNo, Register (dec) );



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com