Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8658 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 17Page - Microsemi Corporation VSC8658 Datasheet HTML 18Page - Microsemi Corporation VSC8658 Datasheet HTML 19Page - Microsemi Corporation VSC8658 Datasheet HTML 20Page - Microsemi Corporation VSC8658 Datasheet HTML 21Page - Microsemi Corporation VSC8658 Datasheet HTML 22Page - Microsemi Corporation VSC8658 Datasheet HTML 23Page - Microsemi Corporation VSC8658 Datasheet HTML 24Page - Microsemi Corporation VSC8658 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
13
Note: The VSC8658 device can be configured to perform Auto MDI/MDI-X even when its Auto-negotiation
feature is disabled (setting register 0.12 to 0) and the link is forced into 10/100 speeds. To enable this
feature, set register 18.7 to 0.
4.8
Link Speed Downshift
For operation in cabling environments that are incompatible with 1000BASE-T, the VSC8658 device
provides an automatic link speed “downshift” option. When enabled, the device automatically changes its
1000BASE-T auto-negotiation advertisement to the next slower speed after a set number of failed
attempts at 1000BASE-T.
This is useful in setting up in networks using older cable installations that may include only pairs A and B
and not pairs C and D.
You can configure and monitor link speed downshifting using register bits 20E.4:1. For more information,
see Extended PHY Control Set 1, page 37.
4.9
Transformerless Ethernet
The Cat5 media interface supports 10/100/1000BT Ethernet for backplane applications such as those
specified by the PICMG™ 2.16 and ATCA™ 3.0 specifications for eight-pin channels. With proper AC
coupling, the typical Cat5 transformer can be removed and replaced with capacitors.
4.10
Ethernet Inline Powered Devices
The VSC8658 device can detect legacy inline powered devices in Ethernet network applications. Its
inline powered detection capability can be part of a system that allows for IP-phone and other devices
such as wireless access points to receive power directly from their Ethernet cable, similar to office digital
phones receiving power from a Private Branch Exchange (PBX) office switch over the telephone cabling.
This can eliminate the need for an IP-phone to have an external power supply. It also enables the inline
powered device to remain active during a power outage (assuming the Ethernet switch is connected to
an uninterrupted power supply, battery, back-up power generator, or some other uninterruptable power
source).
For more information about legacy inline powered device detection, visit the Cisco Web site at
www.cisco.com.
The following illustration shows an example of this type of application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com