| Electronic Components Datasheet Search |
|
VSC8658 Datasheet(PDF) 19 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8658 Datasheet(HTML) 19 Page - Microsemi Corporation |
|
19 / 95 page ![]() Functional Descriptions VMDS-10242 VSC8658 Datasheet Revision 4.1 11 Figure 6 • Automatic Media Sense Block Diagram When both SerDes and Cat5 media interfaces attempt to establish a link, the preferred media interface overrides a link-up of the non-preferred media interface. For example, if the preference is set for SerDes mode and Cat5 media establishes a link, then Cat5 becomes the active media interface. However, after the SerDes media interface establishes a link, the Cat5 interface drops its link because the preference was set for SerDes mode. In this scenario, the SerDes preference determines the active media source until the SerDes link is lost. Also, Cat5 media cannot link up unless there is no SerDes media link established. The following table lists the available AMS preferences. The status of the media mode selected by the AMS can be read from device register 20E, bits 7:6. It indicates whether copper media, SerDes media, or no media is selected. Each PHY has two auto-media sense modes. The difference between the modes is based on the SerDes media modes: • SerDes with Auto-Negotiation • SerDes with Pass-Through For more information about SerDes media mode functionality with AMS enabled, see SerDes Media Interface, page 10. For AMS with SerDes auto-negotiation, the status and control of both the Cat5 and the SerDes media can be made using registers 0 through 15. For AMS with SerDes pass-through, only the Cat5 interface can have its interface control and status monitored. The SerDes media must then be controlled and monitored within the MAC. 4.5 Cat5 Auto-Negotiation The VSC8658 device supports twisted pair auto-negotiation as defined by clause 28 of the IEEE standard 802.3-2000. The auto-negotiation process consists of the evaluation of the advertised capabilities of the PHY and its link partner to determine the best possible operating mode, throughput speed, duplex configuration, and master or slave operating modes in the case of 1000BASE-T setups. Auto-negotiation also allows a Table 3 • AMS Media Preferences Preference Setting Cat5 Linked, Fiber Not Linked SerDes Linked, Cat5 Not Linked Cat5 Linked, SerDes Attempts to Link SerDes Linked, Cat5 Attempts to Link Both Cat5 and SerDes Attempt to Link SerDes Cat5 SerDes SerDes SerDes SerDes Cat5 Cat5 SerDes Cat5 Cat5 Cat5 TD RD Auto Sense Logic Cat5 Fiber Optic Module MAC VSC8658 port_n SIGDET SerDes SGMII / Serial MAC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |