Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8658 Datasheet(PDF) 22 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 18Page - Microsemi Corporation VSC8658 Datasheet HTML 19Page - Microsemi Corporation VSC8658 Datasheet HTML 20Page - Microsemi Corporation VSC8658 Datasheet HTML 21Page - Microsemi Corporation VSC8658 Datasheet HTML 22Page - Microsemi Corporation VSC8658 Datasheet HTML 23Page - Microsemi Corporation VSC8658 Datasheet HTML 24Page - Microsemi Corporation VSC8658 Datasheet HTML 25Page - Microsemi Corporation VSC8658 Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
14
Figure 7 •
Inline Powered Ethernet Switch Diagram
The following procedure describes the process that an Ethernet switch must perform in order to process
inline power requests made by a link partner (LP) that is, in turn, capable of receiving inline power.
1.
Enable the inline powered device detection mode on each VSC8658 PHY using its serial
management interface. Set register bit 23E.10 to 1.
2.
Ensure that the VSC8658 device Auto-Negotiation Enable bit (register 0.12) is also set to 1. In the
application, the device sends a special Fast Link Pulse (FLP) signal to the LP. Reading register bit
23E.9:8 returns 00 during the search for devices that require Power-over-Ethernet (PoE).
3.
The VSC8658 PHY monitors its inputs for the FLP signal looped back by the LP. An LP capable of
receiving PoE loops back the FLP pulses when the LP is in a powered-down state. This is reported
when VSC8658 device register bit 23E.9:8 reads back 01. It can also be verified as an inline power
detection interrupt by reading VSC8658 device register bit 26.9, which should be a 1, and which is
subsequently cleared and the interrupt de-asserted after the read. If an LP device does not loop
back the FLP after a specific time, VSC8658 device register bit 23E.9:8 automatically resets to 10.
4.
If the VSC8658 PHY reports that the LP needs PoE, the Ethernet switch must enable inline power
on this port, externally of the PHY.
5.
The PHY automatically disables inline powered device detection if the VSC8658 device register bit
23E.9:8 automatically resets to 10, and then automatically changes to its normal auto-negotiation
process. A link is then auto-negotiated and established when the link status bit is set (register bit 1.2
is set to 1).
6.
In the event of a link failure (indicated when VSC8658 device register bit 1.2 reads 0), the inline
power should be disabled to the inline powered device external to the PHY. The VSC8658 PHY
disables its normal auto-negotiation process and re-enables its inline powered device detection
mode.
SMI
Control
Processor
VSC8658_1
SGMII
Interface
Inline,
Power-Over-Ethernet
(PoE)
Power Supply
Cat5
Gigabit Switch
VSC8658_0
VSC8658_n
Transformer
RJ-45
I/F
Transformer
RJ-45
I/F
Transformer
RJ-45
I/F
Link
Partner
Link
Partner
Link
Partner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com