Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8658 Datasheet(PDF) 65 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 65 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 61Page - Microsemi Corporation VSC8658 Datasheet HTML 62Page - Microsemi Corporation VSC8658 Datasheet HTML 63Page - Microsemi Corporation VSC8658 Datasheet HTML 64Page - Microsemi Corporation VSC8658 Datasheet HTML 65Page - Microsemi Corporation VSC8658 Datasheet HTML 66Page - Microsemi Corporation VSC8658 Datasheet HTML 67Page - Microsemi Corporation VSC8658 Datasheet HTML 68Page - Microsemi Corporation VSC8658 Datasheet HTML 69Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
57
Note: The MAC auto-negotiation, LED_0, LED_1, LED_2, and LED_3 settings available using the CMODE
pins and configuration bits is limited. For full functionality, use the registers. For more information about
using the registers for these and other functions, see Registers, page 26.
5.5.3
CMODE Resistor Values
To affect an aspect of the VSC8658 device configuration, find the parameter in Table 58, page 55 or in
Table 59, page 55, and connect the associated pin to the resistor specified in the following table. This
sets the bits as shown.
Address reversal
2
3
0 = Normal functioning.
PHY address 0:7 = Port 0:7.
1 = Reversed functioning.
PHY address 7:0 = Port 0:7.
LED_2 indication
function
Register 29,
bits 11:8
2
1 and 0 00 = Link or activity.
01 = Duplex or collision.
10 = Fiber_Activity.
11 = Link10 or activity.
PHY address [4:3]
1 and 0
3
Sets the two MSBs of the PHY address.
LED_1 indication
function
Register 29,
bits 7:4
1
1 and 0 00 = Link100 or activity.
01 = Link100/1000 or activity.
10 = Link 10/100 or activity.
11 = Fiber_Link/Fiber_Activity.
LED_0 indication
function
Register 29,
bits 3:0
0
1 and 0 00 = Link1000 or activity.
01 = Link100/1000 or activity.
10 = Activity.
11 = Link or activity.
Table 60 •
CMODE Resistor Values and Resultant Bit Settings
With CMODE
Pin Tied To
With 1%
Resistor Value
Set
Bit 3 (MSB) to:
Set
Bit 2 to:
Set
Bit 1 to:
Set
Bit 0 (LSB) to:
VSS
0
0
0
0
0
VSS
2.26 k
Ω
00
0
1
VSS
4.02 k
Ω
00
1
0
VSS
5.90 k
Ω
00
1
1
VSS
8.25 k
Ω
01
0
0
VSS
12.1 k
Ω
01
0
1
VSS
16.9 k
Ω
01
1
0
VSS
22.6 k
Ω
01
1
1
VDD33
0
1
0
0
0
VDD33
2.26 k
Ω
10
0
1
VDD33
4.02 k
Ω
10
1
0
VDD33
5.90 k
Ω
10
1
1
VDD33
8.25 k
Ω
11
0
0
VDD33
12.1 k
Ω
11
0
1
Table 59 •
Device Functions and Associated CMODE Pins (continued)
Function
Sets MII
Register
CMODE
Pin
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com