Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8658 Datasheet(PDF) 47 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 47 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 43Page - Microsemi Corporation VSC8658 Datasheet HTML 44Page - Microsemi Corporation VSC8658 Datasheet HTML 45Page - Microsemi Corporation VSC8658 Datasheet HTML 46Page - Microsemi Corporation VSC8658 Datasheet HTML 47Page - Microsemi Corporation VSC8658 Datasheet HTML 48Page - Microsemi Corporation VSC8658 Datasheet HTML 49Page - Microsemi Corporation VSC8658 Datasheet HTML 50Page - Microsemi Corporation VSC8658 Datasheet HTML 51Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
39
Note When bits 5:4 are set to Jumbo Packet mode, the default maximum packet values are based on
100 ppm driven reference clock to the device. Controlling the ppm offset between the MAC and the PHY
as specified in the bit description results in a higher Jumbo packet length.
5.2.20
Interrupt Mask
The bits in register 25 control the device interrupt mask. The following table shows the settings available.
11:9
Reserved
RO
8:7
SGMII input preamble R/W
This is a sticky bit.
00 = No SGMII preamble required.
01 = One-byte SGMII preamble required.
10 = Two-byte SGMII preamble required.
11 = Reserved.
00
6
SGMII output
preamble
R/W
This is a sticky bit.
0 = No SGMII preamble.
1 = Two-byte SGMII preamble.
1
5:4
Jumbo packet mode
R/W
This is a sticky bit.
00 = Normal IEEE 1.5 kB packet length.
01 = 9 kB jumbo packet length (12 kB with
60 ppm or better reference clock).
10 = 12 kB jumbo packet length (16 kB with
70 ppm or better reference clock).
11 = Reserved.
00
3:1
100BASE-TX
transmitter amplitude
control
R/W
011 = +3 Amplitude setting (largest).
010 = +2 Amplitude setting.
001 = +1 Amplitude setting.
000 = Default amplitude.
111 = –1 Amplitude setting.
110 = –2 Amplitude setting.
101 = –3 Amplitude setting.
100 = –4 Amplitude setting (smallest).
000
0
1000BASE-T
connector loopback
R/W
1 = Enabled.
0
Table 29 •
Interrupt Mask, Address 25 (0x19)
Bit
Name
Access
Description
Default
15
MDINT interrupt status enable
R/W
This is a sticky bit.
1 = Enabled.
0
14
Speed state change mask
R/W
This is a sticky bit.
1 = Enabled.
0
13
Link state change mask
R/W
This is a sticky bit.
1 = Enabled.
0
12
FDX state change mask
R/W
This is a sticky bit.
1 = Enabled.
0
11
Auto-negotiation error mask
R/W
1 = Enabled.
0
10
Auto-negotiation complete mask
R/W
This is a sticky bit.
1 = Enabled.
0
Table 28 •
Extended PHY Control 2, Address 24 (0x18) (continued)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com