Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8658 Datasheet(PDF) 56 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 56 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 52Page - Microsemi Corporation VSC8658 Datasheet HTML 53Page - Microsemi Corporation VSC8658 Datasheet HTML 54Page - Microsemi Corporation VSC8658 Datasheet HTML 55Page - Microsemi Corporation VSC8658 Datasheet HTML 56Page - Microsemi Corporation VSC8658 Datasheet HTML 57Page - Microsemi Corporation VSC8658 Datasheet HTML 58Page - Microsemi Corporation VSC8658 Datasheet HTML 59Page - Microsemi Corporation VSC8658 Datasheet HTML 60Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
48
5.3.6
ActiPHY Control
Register 20E controls the device ActiPHY sleep timer, its wake-up timer, the frequency of the CLKOUT
signal, and its link speed downshifting feature. The following table shows the settings available.
Table 42 •
Extended PHY Control 3, Address 20E (0x14)
Bit
Name
Access
Description
Default
15
Disable carrier
extension
R/W
1 = Disable.
0
14:13
ActiPHY sleep timer
R/W
This is a sticky bit.
00 = 1 second.
01 = 2 seconds.
10 = 3 seconds.
11 = 4 seconds.
01
12:11
ActiPHY wake-up timer R/W
This is a sticky bit.
00 = 160 ms.
01 = 400 ms.
10 = 800 ms.
11 = 2 seconds.
11
10:9
Reserved
RO
8
CLKOUT frequency (1)
1.
Bit 8 is valid only on PHY_0.
R/W
This is a sticky bit.
1 = 156.25 MHz.
0 = 125 MHz.
CMODE
7:6
Media mode status
RO
00 = No media selected.
01 = Copper media selected.
10 = SerDes media selected.
11 = Reserved.
00
5
Reserved
RO
4
Enable link speed auto-
downshift feature
R/W
This is a sticky bit.
1 = Enable auto link speed downshift from
1000BASE-T.
CMODE
3:2
Link speed
auto-downshift control
R/W
This is a sticky bit.
00 = Downshift after 2 failed 1000BASE-T
auto-negotiation attempts.
01 = Downshift after 3 failed 1000BASE-T
auto-negotiation attempts.
10 = Downshift after 4 failed 1000BASE-T
auto-negotiation attempts.
11 = Downshift after 5 failed 1000BASE-T
auto-negotiation attempts.
01
1
Link speed
auto-downshift status
RO
0 = No downshift.
1 = Downshift is required or has occurred.
0
0
Reserved
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com