Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8658 Datasheet(PDF) 45 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 45 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 41Page - Microsemi Corporation VSC8658 Datasheet HTML 42Page - Microsemi Corporation VSC8658 Datasheet HTML 43Page - Microsemi Corporation VSC8658 Datasheet HTML 44Page - Microsemi Corporation VSC8658 Datasheet HTML 45Page - Microsemi Corporation VSC8658 Datasheet HTML 46Page - Microsemi Corporation VSC8658 Datasheet HTML 47Page - Microsemi Corporation VSC8658 Datasheet HTML 48Page - Microsemi Corporation VSC8658 Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
37
The following information applies to the extended control and status bits:
•
When bit 22.15 is set, the link integrity state machine is bypassed and the PHY is forced into a link
pass status.
•
When bits 22.11:0 are set to 00, the squelch threshold levels are based on the IEEE standard for
10BASE-T. When set to 01, the squelch level is decreased, which may improve the bit error rate
performance on long loops. When set to 10, the squelch level is increased and may improve the bit
error rate in high-noise environments.
•
When bit 22.9 is set, all sticky register bits retain their values during a software reset. Clearing this
bit causes all sticky register bits to change to their default values upon software reset. Super-sticky
bits retain their values upon software reset regardless of the setting of bit 22.9.
•
When bit 22.0 is set, if a write to any PHY register (registers 0 through 31, including extended
registers), the same write is broadcast to all PHYs. For example, if bit 22.0 is set to 1 and a write to
PHY_0 is executed (register 0 is set to 0x1040), all PHYs’ register 0s are set to 0x1040. Disabling
this bit restores normal PHY write operation. Reads are still possible when this bit is set, but the
value that is read corresponds only to the particular PHY being addressed.
5.2.18
Extended PHY Control Set 1
The bits in the extended control set control the MAC auto-negotiation function, the 100BASE-FX SerDes
function, and report SGMII alignment errors and EEPROM status. The following table shows the settings
available.
6
10BASE-T link
status
RO
1 = 10BASE-T link active.
0
5:1
Reserved
RO
0
SMI broadcast
write
R/W
This is a sticky bit.
1 = Enabled.
0
Table 27 •
Extended PHY Control 1, Address 23 (0x17)
Bit
Name
Access Description
Default
15:14
Reserved
RO
13
MAC interface
auto-negotiation
R/W
This is a super-sticky bit.
1 = Enabled.
CMODE
12
MAC interface mode R/W
This is a super-sticky bit.
1 = 1000BASE-X.
0 = SGMII.
0
11
AMS preference
R/W
This is a super-sticky bit.
1 = Cat5 copper preferred.
0 = SerDes fiber/SFP preferred.
0
Table 26 •
Extended Control and Status, Address 22 (0x16) (continued)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com