Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 33 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 33 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 29Page - Analog Devices LTM4664 Datasheet HTML 30Page - Analog Devices LTM4664 Datasheet HTML 31Page - Analog Devices LTM4664 Datasheet HTML 32Page - Analog Devices LTM4664 Datasheet HTML 33Page - Analog Devices LTM4664 Datasheet HTML 34Page - Analog Devices LTM4664 Datasheet HTML 35Page - Analog Devices LTM4664 Datasheet HTML 36Page - Analog Devices LTM4664 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 138 page
background image
Design Example
As a design example using LTM4664A divider stages for
a the 4:1 divider at 72W, assume VINS1 = 48V (nominal),
VINS1 = 60V (maximum), VOUT1 = 24V (nominal), IOUT1 =
3A (maximum) for stage 1. For high power and high voltage
applications, always start with a low switching frequency
e.g. 100kHz to minimize the switching losses. To set the
stage 1 to 100kHz switching frequency, a 36.5k 1% resistor
is connected from FREQS1 pin to ground. Set the CFLY1
voltage ripple to be 2% of the output voltage is a good start-
ing point with tradeoff between efficiency and power density.
The CFLY1 can be calculated based on the equation below:
IOUT1(MAX) =3A
CFLY =
IOUT1(MAX)
2• fSW • VCFLY1(RIPPLE)
∼ 31µF =
3A
2•100kHz •0.48V
Consider the ceramic capacitance derating at 24VDC bias
voltage, 8 of 10μF/X7R/50V ceramic capacitors are paral-
leled as flying capacitors.
The 4:1 divider at 72W, assume VINS2 = 24V (nominal),
VIN = 30V (maximum), VOUT2 = 12V (nominal), IOUT2 = 6A
(maximum) for stage 2. For stage 2 start with a switching
frequency of 200kHz to minimize the switching losses. To
set the 200kHz switching frequency, a 60.4k 1% resis-
tor is connected from FREQS2 pin to ground. Set the
CFLY2 voltage ripple to be 2% of the output voltage is a
good starting point with trade-off between efficiency and
is between 0.5V and 1.2V, the internal pre-balance circuit
will source or sink current to the VOUTn pin and regulate
the VOUTn pin to VINSn/2 with around 95mA/50mA capa-
bility. The pre-balance time can be calculated based on the
capacitor CTIMERSn on the TIMERSn pin: TPRE-BALANCE =
CTIMER • 0.7V/7μA, so the pre-balance time is 100ms/μF
(e.g. the pre-balance time is 10ms with 0.1μF CTIMER). For
voltage divider applications, if the flying capacitor CFLYn
and the VOUTn capacitor are very large and input voltage
is high, it may take several pre-balance time periods to
pre-balance the VOUTn pin to VINSn/2 with a fixed CTIMER.
A longer start-up time is expected. Assuming zero initial
conditions, the time to charge the capacitors, τcharge can
be estimated from the equation:
τCharge =(COUT +CFLY)•(VIN / 2/ 93mA)
Keep in mind that the approximate capacitor value will be
the value at both voltage bias and temperature, this infor-
mation can be derived from the capacitor data sheet curves.
Input/Output Capacitor and Flying Capacitor Selection
In high power switched capacitor applications, large AC
currents flow through the flying capacitors and input/
output capacitors. Low ESR ceramic capacitors are
highly recommended for high power switch capacitor
applications.
Make sure the maximum RMS capacitor current is within
the spec or higher rated capacitors are preferred. Note
that capacitor manufacturers’ ripple current ratings are
often based on only 2000 hours of life. This makes it
advisable to further derate the capacitor.
LTM4664A
33
Rev. 0
For more information www.analog.com
4:1 DIVIDER APPLICATION INFORMATION
4664A F07
FAULT
LOW
3.5µA CHARGE
TIMER PIN
3.5µA CHARGE
TIMER PIN
7µA CHARGE
TIMER PIN
0.5V
1.2V
4V
PRE-BALANCE TIME
TURN ON
TIME
FAULT
RELEASE
Figure 7. Timer Behavior During Fault or Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com