Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 5 Page - Analog Devices

  LTM4664 Datasheet HTML 1Page - Analog Devices LTM4664 Datasheet HTML 2Page - Analog Devices LTM4664 Datasheet HTML 3Page - Analog Devices LTM4664 Datasheet HTML 4Page - Analog Devices LTM4664 Datasheet HTML 5Page - Analog Devices LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 138 page
background image
LTM4664A
5
Rev. 0
For more information www.analog.com
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the internal operating
junction temperature. TA = 25°C, VINS1 = 48V, and RUNn = 5V where n = stage # unless otherwise noted. See Figure 46 configuration
for setup. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
4:1 Divider Section
VINS1
Input DC Voltage Stage 1
Note 4
30
58
V
VINS2
Input DC Voltage Stage 2
Note 4
15
29
V
VOUT1 Range
VOUT1 Output Range
Note 4
15
29
V
VOUT2 Range
VOUT2 Output Range
Note 4
7.5V
14.5
V
Maximum Power
Maximum Output Power
All Conditions, Note 4
75
W
VOUT1(DC)
VOUT1 OUTPUT
Note 4, Based on Figure 49
VINS1 = 48V, RUN = 5V, IVOUT1 = 0A
l
23.5
24
24.5
V
VOUT2(DC)
VOUT2 OUTPUT
Note 4, Based on Figure 49
VINS2 = 24V, RUN = 5V, IVOUT2 = 0A
l
11.5
12
12.5
V
VUVLO
Undervoltage Lockout
INTVCC Falling
INTVCC Rising
4.85
5.05
V
V
IQ VINSn
VINS1, VINS2 Quiescent Current Each
Stage
RUNn = 0V
RUNn = 5V, No Switching
RUNn = 5V, Switching
150
1.6
44
µA
mA
mA
Overcurrent Protection Section
INSNSS1+
Stage 1 Current Sense+
INSNSS1+ = INSNSS1– = 60V
VOUT1 = 30V, RUNS1 = 5V
220
350
µA
INSNSS2+
Stage 2 Current Sense+
INSNSS2+ = INSNSS2– = 30V
VOUT2 = 15V, RUNS2 = 5V
220
350
µA
INSNSS1–
Stage 1 Current Sense–
INSNSS1+ = INSNSS1– = 60V,
RUNS1 = 0V
l
–5
1
5
µA
INSNSS2–
Stage 2 Current Sense–
INSNSS2+ = INSNSS2– = 30V,
RUNS2 = 0V
l
–5
1
5
µA
INSNSS1, INSNSS2
Threshold
Current Limit Threshold
for Each Stage
l
45
50
55
mV
Pre Charge Balance
RVINS2F
VINS2 Resistance to GND
See Block Diagram (Note 10)
1
MΩ
RVF2
Resistance Between Pins
VINS2 to VINS2F
See Block Diagram
Part of a RC Filter Stage 2
1
kΩ
INSNSS1+ Balance
Current
Stage 1 Current Sense + Source
Pre-Balance Phase VINS1 = 60V
INSNSS1+ = INSNSS1– = 60V, VOUT1 = 15V , Timer = 1V
95
mA
INSNSS2+ Balance
Current
Stage 2 Current Sense + Source
Pre-Balance Phase VINS2 = 30V
INSNSS2+ = INSNSS2– = 30V, VOUT2 = 10V, Timer = 1V
95
mA
ISOURCE VOUTn
ISOURCE Current to Pre-Start Up Bal-
ance VOUTn and CFLYn, n = Stage #
INSNSSn = VINSn = 24V VOUTn = 10V, Timer = 0.8V
See Block Diagram
95
mA
PART NUMBER
PAD OR BALL FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4664AIY#PBF
SAC305 (RoHS)
LTM4664AY
e1
BGA
3
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com