Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 64 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 64 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 60Page - Analog Devices LTM4664 Datasheet HTML 61Page - Analog Devices LTM4664 Datasheet HTML 62Page - Analog Devices LTM4664 Datasheet HTML 63Page - Analog Devices LTM4664 Datasheet HTML 64Page - Analog Devices LTM4664 Datasheet HTML 65Page - Analog Devices LTM4664 Datasheet HTML 66Page - Analog Devices LTM4664 Datasheet HTML 67Page - Analog Devices LTM4664 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 138 page
background image
LTM4664A
64
Rev. 0
For more information www.analog.com
DUAL 25A/30A PSM APPLICATIONS INFORMATION
current comparator, IREV, turns off the bottom MOSFET
(MBn) just before the inductor current reaches zero, pre-
venting it from reversing and going negative. Thus, the
controller can operate in discontinuous (pulse-skipping)
operation. In forced continuous operation, the induc-
tor current is allowed to reverse at light loads or under
large transient conditions. The peak inductor current is
determined solely by the voltage on the COMP_Cna pin.
In this mode, the efficiency at light loads is lower than
in discontinuous mode operation. However, continuous
mode exhibits lower output ripple and less interference
with audio circuitry. Forced continuous conduction mode
may result in reverse inductor current, which can cause
the input supply to boost. The VIN_OV_FAULT_LIMIT
can detect this on VIN3 and turn off the offending chan-
nel. However, this fault is based on an ADC read and can
nominally take up to 100ms to detect. If there is a concern
about the input supply boosting, keep the part in discon-
tinuous conduction operation.
SWITCHING FREQUENCY AND PHASE
The switching frequency of the LTM4664A’s PSM chan-
nels is established by its analog phase-locked-loop (PLL)
locking on to the clock present at the module’s SYNC pin.
The clock waveform on the SYNC pin can be generated by
the LTM4664A’s PSM internal circuitry when an external
pull-up resistor to 3.3V (e.g., VDD33) is provided, in combi-
nation with the LTM4664A PSM control IC’s FREQUENCY_
SWITCH command being set to one of the following sup-
ported values: 250kHz, 350kHz, 425kHz, 500kHz, 575kHz,
650kHz, 750kHz. In this configuration, the module is called
a “sync master”: (using the factory-default setting of MFR_
CONFIG_ALL[4]  =  0b), SYNC becomes a bidirectional
open-drain pin, and the LTM4664A PSM pulls SYNC logic
low for nominally 500ns at a time, at the prescribed clock
rate. The SYNC signal can be bused to other LTM4664A
PSM device modules (configured as “sync slaves”), for
purposes of synchronizing switching frequencies of mul-
tiple modules within a system—but only one LTM4664A
PSM devices should be configured as a “sync master”; the
other LTM4664A(s) should be configured as “sync slaves”.
The most straightforward way is to set its
FREQUENCY_ SWITCH command to 0x0000 and
MFR_CONFIG_ALL[4] = 1b. This can be easily imple-
mented with resistor pin-strap settings on the FSWPH_
CFG pin (see Table 3). Using MFR_CONFIG_ALL[4] = 1b,
the LTM4664As SYNC pin becomes a high impedance
input, only—i.e., it does not drive SYNC low. The module
synchronizes its frequency to that of the clock applied to
its SYNC pin. The only shortcoming of this approach is:
in the absence of an externally applied clock, the switch-
ing frequency of the module will default to the low end of
its frequency-synchronization capture range (~225kHz).
If fault-tolerance to the loss of an externally applied SYNC
clock is desired, the FREQUENCY_SWITCH command of
a “sync slave” can be left at the nominal target switching
frequency of the application, and not 0x0000 However,
it is then still necessary to configure MFR_CONFIG_
ALL[4] = 1b. With this combination of configurations,
the LTM4664A’s SYNC pin becomes a high impedance
input and the module synchronizes its frequency to
that of the externally applied clock, provided that the
frequency of the externally applied clock exceeds ~½.
of the target frequency (FREQUENCY_SWITCH). If the
SYNC clock is absent, the module responds by operating
at its target frequency, indefinitely. If and when the SYNC
clock is restored, the module automatically phase-locks
to the SYNC clock as normal. The only shortcoming of
this approach is: the EEPROM must be configured per
above guidance; resistor pin-strapping options on the
FSWPH_CFG pin alone cannot provide fault-tolerance to
the absence of the SYNC clock.
The FREQUENCY_SWITCH register can be altered via I2C
commands, but only when switching action is disengaged,
i.e., the module’s outputs are turned off. The FREQUENCY_
SWITCH command takes on the value stored in NVM at
VINS3 power-up, but is overridden according to a resis-
tor pin-strap applied between the FSWPH_CFG pin and
SGND only if the module is configured to respect resistor
pin-strap settings (MFR_CONFIG_ALL[6] = 0b). Table 3
highlights available resistor pin-strap and corresponding
FREQUENCY_SWITCH settings.
The relative phasing of all active channels in a PolyPhase
rail should be optimally phased. The relative phasing of
each rail is 360°/n, where n is the number of phases in the
rail. MFR_PWM_CONFIG[2:0] configures channel relative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com