Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 40 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 40 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 36Page - Analog Devices LTM4664 Datasheet HTML 37Page - Analog Devices LTM4664 Datasheet HTML 38Page - Analog Devices LTM4664 Datasheet HTML 39Page - Analog Devices LTM4664 Datasheet HTML 40Page - Analog Devices LTM4664 Datasheet HTML 41Page - Analog Devices LTM4664 Datasheet HTML 42Page - Analog Devices LTM4664 Datasheet HTML 43Page - Analog Devices LTM4664 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 138 page
background image
LTM4664A
40
Rev. 0
For more information www.analog.com
up to tCONVERT to detect. If there is a concern about the
input supply boosting, keep the part in discontinuous
conduction mode.
If the part is set to discontinuous mode operation, as
the inductor average current increases, the controller will
automatically modify the operation from discontinuous
mode to continuous mode.
SWITCHING FREQUENCY AND PHASE
The switching frequency of the PWM_C1 can be estab-
lished with an internal oscillator or an external time base.
The internal phase-locked loop (PLL) synchronizes the
PWM control to this timing reference with proper phase
relation, whether the clock is provided internally or exter-
nally. The device can also be configured to provide the
master clock to other devices through PMBus command,
NVM setting, or external configuration resistors as out-
lined in Table 3.
As clock master, a LTM4664A PSM device will drive its
open-drain SYNC pin at the selected rate with a pulse width
of 500ns. An external pull-up resistor between SYNC and
VDD33 is required in this case. Only one device connected
to SYNC should be designated to drive the pin. The other
LTM4664A PSM devices will automatically revert to an
external SYNC input, disabling its own SYNC, as long as
the external SYNC frequency is greater than 80% of the
programmed SYNC frequency. The external SYNC input
shall have a duty cycle between 20% and 80%.
Whether configured to drive SYNC or not, the LTM4664A
PSM devices can continue PWM operation using its own
internal oscillator if an external clock signal is subse-
quently lost.
The device can also be programmed to always require an
external oscillator for PWM operation by setting bit 4 of
MFR_CONFIG_ALL. The status of the SYNC driver circuit
is indicated by bit 10 of MFR_PADS.
The MFR_PWM_CONFIG command can be used to con-
figure the phase of each channel. Desired phase can also
be set from EEPROM or external configuration resistors
as outlined in Table 3. Designated phase is the relationship
between the falling edge of SYNC and the internal clock
edge that sets the PWM latch to turn on the top power
switch. Additional small propagation delays to the PWM
control pins will also apply. Both PSM channels must be
off before the FREQUENCY_SWITCH and MFR_PWM_
CONFIG commands can be written to the LTM4664A PSM.
The phase relationships and frequency options provide
for numerous application options. Multiple LTM4664A
PSM channels modules can be synchronized to realize a
PolyPhase array. In this case the phases should be sepa-
rated by 360/n degrees, where n is the number of phases
driving the output voltage rail.
PWM LOOP COMPENSATION
The internal PWM loop compensation resistors RCOMPna
of the LTM4664A PSM can be adjusted using bit[4:0] of
the MFR_PWM_COMP command.
The transconductance (gm) of the LTM4664A PSM chan-
nel PWM error amplifier can be adjusted using bit[7:5]
of the MFR_PWM_COMP command. These two loop
compensation parameters can be programmed when
the device is in operation. Refer to the Programmable
Loop Compensation subsection in the Dual 25A/30A PSM
Applications Information section for further details.
OUTPUT VOLTAGE SENSING
Both PSM channels in LTM4664A have differential ampli-
fiers, which allow the remote sensing of the load voltage
between V+ and V– pins. The telemetry ADC is also fully
differential and makes measurements between VOSNS+_
Cn and VOSNS–_Cn voltages for both channels at the V+
and V– pins, respectively. The maximum allowed is 1.5V,
but the LTM4664A design is limited to 1.8V.
INTVCC/EXTVCC POWER
Power for the internal MOSFET drivers and most other
internal circuitry is derived from the INTVCC pin. When the
EXTVCC pin is shorted to GND or tied to a voltage less than
4.7V, an internal 5.5V linear regulator supplies INTVCC
power from VINS3. If EXTVCC is taken above approximately
4.7V and VINS3_C1 is higher than 7.0V, the 5.5V regu-
lator is turned off and an internal switch is turned on,
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com