Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 38 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 38 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 34Page - Analog Devices LTM4664 Datasheet HTML 35Page - Analog Devices LTM4664 Datasheet HTML 36Page - Analog Devices LTM4664 Datasheet HTML 37Page - Analog Devices LTM4664 Datasheet HTML 38Page - Analog Devices LTM4664 Datasheet HTML 39Page - Analog Devices LTM4664 Datasheet HTML 40Page - Analog Devices LTM4664 Datasheet HTML 41Page - Analog Devices LTM4664 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 138 page
background image
LTM4664A
38
Rev. 0
For more information www.analog.com
After the part has initialized, an additional comparator
monitors VINS3. The VIN_ON threshold must be exceeded
before the output power sequencing can begin. After VIN
is initially applied, the part will typically require 70ms to
initialize and begin the TON_DELAY timer. The readback
of voltages and currents may require an additional 0ms
to 90ms.
SOFT-START
The method of start-up sequencing described below is
time-based. The part must enter the run state prior to
soft-start. Stage 2 of the 4:1 Divider will release RUN_C0
and RUN_C1 once it has reached regulation defined by
the program valve set by UVS2, and FAULTn is released.
The RUN_Cn pins are released by the LTM4664A PSM
after the part is initialized and VINS3 is greater than the
VIN_ON threshold. If multiple LTM4664A PSMs are used
in an application, they all hold their respective RUN_Cn
pins low until all devices are initialized and VINS3 exceeds
the VIN_ON threshold for every device. The SHARE_CLK
pin assures all the devices connected to the signal use
the same time base. The SHARE_CLK pin is held low until
the part has been initialized after VINS3 is applied. The
LTM4664A PSM can be set to turn-off (or remain off)
if SHARE_CLK is low (set bit 2 of MFR_CHAN_CONFIG
to 1). This allows the user to assure synchronization
across numerous PSM devices even if the RUN_Cn pins
cannot be connected together due to board constraints. In
general, if the user cares about synchronization between
chips it is best not only to connect all the respective RUN_
Cn pins together but also to connect all the respective
SHARE_CLK pins together and pulled up to VDD33 with a
10k resistor. This assures all chips begin sequencing at
the same time and use the same time base.
After the RUN_Cn pins release and prior to entering a
constant output voltage regulation state, the LTM4664A
PSM performs a monotonic initial ramp or “soft-start” on
each of the 25A/30A outputs. Soft-start is performed by
actively regulating the load voltage while digitally ramping
the target voltage from 0V to the commanded voltage set-
point. Once the LTM4664A dual 25A/30A regulators are
commanded to turn on (after power up and initialization),
the controller waits for the user specified turn-on delay
(TON_DELAY) prior to initiating this output voltage ramp.
The rise time of the voltage ramp can be programmed
using the TON_RISE command to minimize inrush cur-
rents associated with the start-up voltage ramp. The soft-
start feature is disabled by setting the value of TON_RISE
to any value less than 0.25ms. The LTM4664A PWM_Cn
always uses discontinuous mode during the TON_RISE
operation. In discontinuous mode, the bottom MOSFET
is turned off as soon as reverse current is detected in
the inductor. This will allow the regulator to start up into
a prebiased load. When the TON_MAX_FAULT_LIMIT is
reached, the part transitions to continuous mode, if so
programmed. If TON_MAX_FAULT_LIMIT is set to zero,
there is no time limit and the part transitions to the desired
conduction mode after TON_RISE completes and VOUT
has exceeded the VOUT_UV_FAULT_LIMIT and IOUT_OC
is not present. However, setting TON_MAX_FAULT_LIMIT
to a value of 0 is not recommended.
TIME-BASED SEQUENCING
The default mode for sequencing the outputs on and
off is time-based. Each output is enabled after waiting
TON_DELAY amount of time following either a RUN_Cn
pin going high, a PMBus command to turn on or the VIN
rising above a preprogrammed voltage. Off sequencing is
handled in a similar way. To assure proper sequencing,
make sure all ICs connect the SHARE_CLK pin together and
RUN_Cn pins together. If the RUN_Cn pins cannot be con-
nected together for some reasons, set bit 2 of MFR_CHAN_
CONFIG to 1. This bit requires the SHARE_CLK pin to be
clocking before the power supply output can start. When
the RUN_Cn pin is pulled low, the LTM4664A PSM will hold
the pin low for the MFR_ RESTART_DELAY. The minimum
MFR_RESTART_ DELAY is TOFF_DELAY + TOFF_FALL +
136ms. This delay assures proper sequencing of all rails.
The LTM4664A PSM calculates this delay internally and will
not process a shorter delay. However, a longer commanded
MFR_RESTART_DELAY can be used by the part. The max-
imum allowed value is 65.52 seconds.
VOLTAGE-BASED SEQUENCING
The sequence can also be voltage-based. As shown in
Figure 8, The PGOOD_Cn pins are asserted when the
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com