Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 48 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 48 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 44Page - Analog Devices LTM4664 Datasheet HTML 45Page - Analog Devices LTM4664 Datasheet HTML 46Page - Analog Devices LTM4664 Datasheet HTML 47Page - Analog Devices LTM4664 Datasheet HTML 48Page - Analog Devices LTM4664 Datasheet HTML 49Page - Analog Devices LTM4664 Datasheet HTML 50Page - Analog Devices LTM4664 Datasheet HTML 51Page - Analog Devices LTM4664 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 138 page
background image
LTM4664A
48
Rev. 0
For more information www.analog.com
Mapping Faults to FAULT Pins
Channel-to-channel fault (including channels from multiple
LTM4664A PSMs) dependencies can be created by con-
necting FAULT_Cn pins together. In the event of an internal
fault, one or more of the channels is configured to pull the
bussed FAULT_Cn pins low. The other channels are then
configured to shut down when the FAULT_Cn pins are
pulled low. For autonomous group retry, the faulted chan-
nel is configured to let go of the FAULT_Cn pin(s) after a
retry interval, assuming the original fault has cleared. All
the channels in the group then begin a soft-start sequence.
If the fault response is LATCH_OFF, the FAULT_Cn pin
remains asserted low until either the RUN_Cn pin is tog-
gled OFF/ON or the part is commanded OFF/ON. The tog-
gling of the RUN_Cn either by the pin or OFF/ON command
will clear faults associated with the channel. If it is desired
to have all faults cleared when either RUN_Cn pin is tog-
gled or, set bit 0 of MFR_CONFIG_ALL to a 1.
The status of all faults and warnings is summarized in the
STATUS_WORD and STATUS_BYTE commands.
Additional fault detection and handling capabilities are:
See Table 18.
Power Good Pins
The PGOOD_Cn pins of the LTM4664A PSM are con-
nected to the open drains of internal MOSFETs. The
MOSFETs turn on and pull the PGOOD_Cn pins low when
the channel output voltage is not within the channel’s
UV and OV voltage thresholds. During TON_DELAY and
TON_RISE sequencing, the PGOOD_Cn pin is held low.
The PGOOD_Cn pin is also pulled low when the respective
RUN_Cn pin is low. The PGOOD_Cn pin response is deg-
litched by an internal 100µs digital filter. The PGOOD_Cn
pin and PGOOD status may be different at times due to
communication latency of up to 10µs.
CRC Protection
The integrity of the NVM memory is checked after a power
on reset. A CRC error will prevent the controller from leav-
ing the inactive state. If a CRC error occurs, the CML bit is
set in the STATUS_BYTE and STATUS_WORD commands,
the appropriate bit is set in the STATUS_MFR_SPECIFIC
command, and the ALERT pin will be pulled low. NVM
repair can be attempted by writing the desired configura-
tion to the controller and executing a STORE_USER_ALL
command followed by a CLEAR_FAULTS command.
The LTM4664A manufacturing section of the NVM is
mirrored. If both copies are corrupted, the “NVM CRC
Fault” in the STATUS_MFR_SPECIFIC command is set.
If this bit remains set after being cleared by issuing a
CLEAR_FAULTS or writing a 1 to this bit, an irrecoverable
internal fault has occurred. The user is cautioned to dis-
able both output power supply rails associated with this
specific part. There are no provisions for field repair of
NVM faults in the manufacturing section.
SERIAL INTERFACE
The LTM4664A serial interface is a PMBus compliant
slave device and can operate at any frequency between
10kHz and 400kHz. The address is configurable using
either the NVM or an external resistor divider. In addition
the LTM4664A always responds to the global broadcast
address of 0x5A (7-bit) or 0x5B (7-bit).
The serial interface supports the following protocols defined
in the PMBus specifications: 1) send command, 2) write byte,
3) write word, 4) group, 5) read byte, 6) read word and 7) read
block. 8) write block. All read operations will return a valid
PEC if the PMBus master requests it. If the PEC_REQUIRED
bit is set in the MFR_CONFIG_ALL command, the PMBus
write operations will not be acted upon until a valid PEC has
been received by the LTM4664A.
Communication Protection
PEC write errors (if PEC_REQUIRED is active), attempts
to access unsupported commands, or writing invalid data
to supported commands will result in a CML fault. The
CML bit is set in the STATUS_BYTE and STATUS_WORD
commands, the appropriate bit is set in the STATUS_CML
command, and the ALERT pin is pulled low.
DEVICE ADDRESSING
The LTM4664A PSM offers four different types of addressing
over the PMBus interface, specifically: 1) global, 2) device,
3) rail addressing and 4) alert response address (ARA).
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com