Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 62 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 62 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 58Page - Analog Devices LTM4664 Datasheet HTML 59Page - Analog Devices LTM4664 Datasheet HTML 60Page - Analog Devices LTM4664 Datasheet HTML 61Page - Analog Devices LTM4664 Datasheet HTML 62Page - Analog Devices LTM4664 Datasheet HTML 63Page - Analog Devices LTM4664 Datasheet HTML 64Page - Analog Devices LTM4664 Datasheet HTML 65Page - Analog Devices LTM4664 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
LTM4664A
62
Rev. 0
For more information www.analog.com
PMBus COMMAND SUMMARY
Table 8. Data Format Abbreviations
L11
Linear_5s_11s
PMBus data field b[15:0]
Value = Y • 2N
where N = b[15:11] is a 5-bit two’s complement integer and Y = b[10:0] is an 11-bit two’s complement integer
Example:
For b[15:0] = 0x9807 = ‘b10011_000_0000_0111
Value = 7 • 2–13 = 854 • 10–6
From “PMBus Spec Part II: Paragraph 7.1”
L16
Linear_16u
PMBus data field b[15:0]
Value = Y • 2N
where Y = b[15:0] is an unsigned integer and N = VOUT_MODE_PARAMETER is a 5-bit two’s complement exponent that is
hardwired to –12 decimal
Example:
For b[15:0] = 0x9800 = ‘b1001_1000_0000_0000
Value = 19456 • 2–12 = 4.75 From “PMBus Spec Part II: Paragraph 8.2”
Reg
Register
PMBus data field b[15:0] or b[7:0].
Bit field meaning is defined in detailed PMBus Command Description.
L16
Integer Word
PMBus data field b[15:0]
Value = Y
where Y = b[15:0] is a 16-bit unsigned integer
Example:
For b[15:0] = 0x9807 = ‘b1001_1000_0000_0111
Value = 38919 (decimal)
CF
Custom Format
Value is defined in detailed PMBus Command Description.
This is often an unsigned or two’s complement integer scaled by an MFR specific constant.
ASC
ASCII Format
A variable length string of text characters conforming to ISO/IEC 8859-1 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com