Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices LTM4664 Datasheet HTML 10Page - Analog Devices LTM4664 Datasheet HTML 11Page - Analog Devices LTM4664 Datasheet HTML 12Page - Analog Devices LTM4664 Datasheet HTML 13Page - Analog Devices LTM4664 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 138 page
background image
LTM4664A
10
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VUV-RNG
Output UV Comparator
Threshold Detection Range
(Note 10) Limit Design to 1.5V Operating for Module
Low Range Scale, MFR_PWM_MODEn[1] = 1b
High Range Scale, MFR_PWM_MODEn[1] = 0b
0.5
1
2.7
3.6
V
V
VUV-ACC Cn
Output UV Threshold Accuracy
Range Low
Range High
(Notes 9, 10)
0.5V ≤ VVOSNS+_Cn – VVOSNS–_Cn ≤ 2.7V, MFR_PWM_
MODEn[1] = 1b
1V ≤ VVOSNS+_Cn – VVOSNS–_Cn ≤ 3.6V, MFR_PWM_
MODEn[1] = 0b
l
±1.5
±40
mV
%
tPROP-OV
Output OV Comparator
Response Times
Overdrive to 10% Above Programmed Threshold
100
µs
tPROP-UV
Output UV Comparator
Response Times
Underdrive to 10% Below Programmed Threshold
100
µs
Analog OV/UV VINS3 Input Voltage Supervisor Comparators (Threshold Detectors for VIN_ON and VIN_OFF)
NVINS3-OV/UV-COMP VINS3 OV/UV Comparator
Threshold-Programming Resolution
(Notes 9, 10)
9
Bits
VINS3-OU-RANGE
VINS3 OV/UV Comparator
Threshold-Programming Range
ABS MAX = 18V for Module Design
l
4.5
16
V
VINS3-OU-STP
VINS3 OV/UV Comparator
Threshold-Programming
LSB Step Size
(Note 10)
76
mV
VINS3-OU-ACC
VINS3 OV/UV Comparator
Threshold Accuracy
4.5V < VINS3 ≤ 16V, Operating Range, 16V Max for
Module
l
±350
mV
tPROP-VINS3-LOW-VIN VINS3 OV/UV Comparator
Response Time, High VIN
Operating Configuration
Test Circuit 1, and:
VIN_ON = 9V; VINS3 Driven from 8.775V to 9.225V
VIN_OFF = 9V; VINS3 Driven from 9.225V to 8.775V
100
100
µs
µs
tPROP-VINS3-LOW-VIN VINS3 OV/UV Comparator
Response Time, Low VIN
Operating Configuration
Test Circuit 2, and:
VIN_ON = 4.5V; VINS3 Driven from 4.225V to 4.725V
VIN_OFF = 4.5V; VINS3 Driven from 4.725V to 4.225V
100
100
µs
µs
Input Voltage (VINS3) Readback (READ_VIN)
NVINS3-RB
Input Voltage Readback
Resolution and LSB Step Size
(Notes 5, 10)
10
15.625
Bits
mV
VINS3-F/S
Input Voltage Full-Scale
Digitizable Range
(Notes 7, 11) 18V for Module Design
43
V
VINS3-RB-ACC
Input Voltage Readback Accuracy
READ_VIN, 4.5V ≤ VINS3 ≤ 16V, (VIN = VINS3)
l
2
%
tCONVERT-VINS3-RB Input Voltage Readback
Update Rate
MFR_ADC_CONTROL = 0.00 (Notes 10, 12)
MFR_ADC_CONTROL = 0.01 (Notes 10, 12)
90
8
ms
ms
Channels 0 and 1 Output Voltage Readback (READ_VOUTn)
NVO-RB
Output Voltage Readback
Resolution and LSB Step Size
(Note 10)
16
244
Bits
µV
VO-F/S
Output Voltage Full-Scale
Digitizable Range
VRUNn = 0V (Note 10)
Design Limited to 1.5V
8
V
VO-RB-AC-Cn
Output Voltage Readback Accuracy
0.5V ≤ VVOSNS+_Cn – VVOSNS– _Cn ≤ 1.0V
1V ≤ VVOSNS+_Cn – VVOSNS – _Cn ≤ 3.6V
l
Within ± 5mV, Reading
Within ± 0.5%, Reading
Channels 0 and 1 Output Current (READ_IOUTn)
NIO-RB
Output Current Readback
Resolution and LSB Step Size
(Notes 5, 10) Based on MFR_PWM_MODE[7] = 1
Using the OUT_OC_FAULT_LIMIT of 34A
10
34.1
Bits
mA
IO-F/S
Output Current Full-Scale Digitizable
Range
(Notes 5, 10) Based on MFR_PWM_MODE[7] = 1
Using the IOUT_OC_FAULT_LIMIT of 40A
34
A
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 1, 2, 3). Specified as each individual output channel designated with n (Note 3). TA = 25°C,
VINS3 = 12V, RUN_Cn = 3.3V, EXTVCC = 0V, FREQUENCY_SWITCH = 350kHz and VOUTCn commanded to 1.000V unless otherwise noted.
Configured with factory default EEPROM settings, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com